Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7232W Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC7232W
Description  8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7232W Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC7232W Datasheet HTML 5Page - Clare, Inc. CPC7232W Datasheet HTML 6Page - Clare, Inc. CPC7232W Datasheet HTML 7Page - Clare, Inc. CPC7232W Datasheet HTML 8Page - Clare, Inc. CPC7232W Datasheet HTML 9Page - Clare, Inc. CPC7232W Datasheet HTML 10Page - Clare, Inc. CPC7232W Datasheet HTML 11Page - Clare, Inc. CPC7232W Datasheet HTML 12Page - Clare, Inc. CPC7232W Datasheet HTML 13Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CPC7232
10
www.clare.com
R00E
2.1 Truth Table
2.2 Logic Timing Waveforms
Notes:
1. The eight switches operate independently.
2. Serial data is clocked in on the L
? H transition CLK.
3. The switches go to a state retaining their present condition at the rising edge of LE. When LE is low the shift
register data flows through the latch.
4. DOUT is high when switch 7 is on.
5. Shift register clocking has no effect on the switch states if LE is H.
6. The clear input overrides all other inputs.
D0
D1
D2
D3
D4
D5
D6
D7
LE
CL
SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
X
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
X
H
OFF OFF OFF OFF OFF OFF OFF OFF
D
N-1
D
N
D
N+1
50%
50%
50%
50%
D
IN
LE
t
WLE
t
SD
50%
50%
CLK
t
SU
t
H
t
DO
50%
D
OUT
t
OFF
t
ON
90%
10%
OFF
ON
CL
50%
50%
t
WCL
V
OUT
(TYP)


Similar Part No. - CPC7232W

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7232W IXYS-CPC7232W Datasheet
1Mb / 14P
   8-Channel HV Analog Switch with Built-in Bleeder Resistors
CPC7232WTR IXYS-CPC7232WTR Datasheet
1Mb / 14P
   8-Channel HV Analog Switch with Built-in Bleeder Resistors
More results

Similar Description - CPC7232W

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7232 IXYS-CPC7232 Datasheet
275Kb / 12P
   8-Channel HV Analog Switch with Built-in Bleeder Resistors
CPC7232 IXYS-CPC7232_12 Datasheet
1Mb / 14P
   8-Channel HV Analog Switch with Built-in Bleeder Resistors
logo
Supertex, Inc
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
   16 Channel High Voltage Analog Switch With Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
   16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
logo
Monolithic Power System...
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
   32-Channel High Voltage Analog Switch With Output Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com