Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7582MBTR Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC7582MBTR
Description  Line Card Access Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582MBTR Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC7582MBTR Datasheet HTML 6Page - Clare, Inc. CPC7582MBTR Datasheet HTML 7Page - Clare, Inc. CPC7582MBTR Datasheet HTML 8Page - Clare, Inc. CPC7582MBTR Datasheet HTML 9Page - Clare, Inc. CPC7582MBTR Datasheet HTML 10Page - Clare, Inc. CPC7582MBTR Datasheet HTML 11Page - Clare, Inc. CPC7582MBTR Datasheet HTML 12Page - Clare, Inc. CPC7582MBTR Datasheet HTML 13Page - Clare, Inc. CPC7582MBTR Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CPC7582
10
www.clare.com
R05
1.8 Protection Circuitry Electrical Specifications
1.9 CPC7582xA/B Truth Table
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Parameters Related to the Diodes in the Diode Bridge
Voltage drop at
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
Forward
Voltage
-2.1
3
V
Voltage drop at surge
current
Apply ± dynamic current limit of
break switches
Forward
Voltage
-5
-
Parameters Related to the Protection SCR
Surge current
-
-
-
-
*
A
Trigger current
T=+25°C
ITRIG
-
60 (CPC7582xA, xB)
70 (CPC7582xC)
-
mA
T=+85°C
-
35 (CPC7582xA, xB)
40 (CPC7582xC)
-
Hold current
T=+25°C
IHOLD
-
100 (CPC7582xA, xB)
135 (CPC7582xC)
-
T=+85°C
60 (CPC7582xA, xB)
110 (CPC7582xC)
70 (CPC7582xA, xB)
115 (CPC7582xC)
-
Gate trigger voltage
IGATE = ITRIGGER**
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
--
1.0
μA
On-state voltage
0.5 A, t = 0.5
μs
VTBAT or
VRBAT
--3
-
V
2.0 A, t = 0.5
μs
VTBAT or
VRBAT
--5
-
V
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
**VBAT must be capable of sourcing ITRIGGER for the internal SCR to activate.
State
INRINGING
INTEST
LATCH
TSD
Break
Switches
Ringing
Switches
Test
Switches
Talk
0
0
0
1 or
Floating1
On
Off
Off
Test
0
1
Off
Off
On
Ringing
1
0
Off
On
Off
All Off
1
1
Off
Off
Off
Latched
X
X
1
Unchanged
All off
XXX
02
Off
Off
Off
1If T
SD is tied high, thermal shutdown is disabled. If TSD is left floating, the thermal shutdown mechanism functions normally.
2Forcing T
SD to ground overrides the logic input pins and forces an all off state.


Similar Part No. - CPC7582MBTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7582BA CLARE-CPC7582BA Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7582BA-TR CLARE-CPC7582BA-TR Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7582BB CLARE-CPC7582BB Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7582BB-TR CLARE-CPC7582BB-TR Datasheet
147Kb / 12P
   Line Card Access Switch
More results

Similar Description - CPC7582MBTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com