Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7691BB Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7691BB
Description  Line Card Access Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7691BB Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7691BB Datasheet HTML 1Page - Clare, Inc. CPC7691BB Datasheet HTML 2Page - Clare, Inc. CPC7691BB Datasheet HTML 3Page - Clare, Inc. CPC7691BB Datasheet HTML 4Page - Clare, Inc. CPC7691BB Datasheet HTML 5Page - Clare, Inc. CPC7691BB Datasheet HTML 6Page - Clare, Inc. CPC7691BB Datasheet HTML 7Page - Clare, Inc. CPC7691BB Datasheet HTML 8Page - Clare, Inc. CPC7691BB Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS-CPC7691 - R00E
PRELIMINARY
1
RoHS
2002/95/EC
e3
Pb
CPC7691
Line Card Access Switch
Features
Improved switch dV/dt immunity of 1500 V/
μs
Drop-In Replacement for CPC7591
Replaces CPC7581, and allows removal of
power-up control discrete components
TTL logic level inputs for 3.3V logic interfaces
Smart logic for power up / hot plug state control
Small 16-pin SOIC package
Monolithic IC reliability
Low, matched R
ON
Eliminates the need for zero-cross switching
Flexible switch timing for transition from ringing
mode to idle/talk mode.
Clean, bounce-free switching
Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
5 V operation with power consumption < 10.5 mW
Intelligent battery monitor
Latched logic-level inputs, no external drive circuitry
Applications
VoIP Gateways
Central office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7691 is a member of Clare’s third-generation
Line Card Access Switch (LCAS) family. This
monolithic 4-pole solid state switch is available in a
16-pin SOIC package. It provides the necessary
functions to replace the 2-Form-C electromechanical
ringing relay and it’s associated snubber circuitry on
traditional analog line cards or contemporary
integrated voice and data (IVD) line cards found in
Central Office (CO), Access, and PBX equipment.
Because this device contains solid state switches for
tip and ring line break and for ringing injection/return, it
requires only a +5 V supply for operation and TTL
logic-level inputs for control. The CPC7691 provides
stable start-up conditioning during system power up
and for hot plug insertion applications. Once active,
the inputs respond to traditional TTL logic levels,
enabling the CPC7691 to be used with 3.3V-only logic.
For negative transient voltage protection the
CPC7691BA version includes SCRs to provide
voltage fold-back protection for the SLIC and
subsequent circuitry, while the CPC7691BB version
utilizes clamping diodes to the VBAT pin. For positive
transient voltage protection all versions provide
clamping diodes to the FGND pin.
Ordering Information
Figure 1. CPC7691 Block Diagram
Device
Description
CPC7691BA
With Protection SCR, in Tubes (50/Tube)
CPC7691BATR With Protection SCR, Tape & Reel (1000/Reel)
CPC7691BB
Without Protection SCR, in Tubes (50/Tube)
CPC7691BBTR Without Protection SCR, Tape & Reel (1000/Reel)
CPC7691
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
RINGING
T
SD
LATCH
3
6
14
2
7
8
9
16
1
12
15
10
11
L
A
T
C
H
Switch
Control
Logic
SCR Trip Circuit
(CPC7691xA)
+5 Vdc
Tip
Ring
SLIC
Secondary
Protection
X
X
X
X
SW2
SW4
RINGING
300
(min.)
Ω
T
RINGING
SW3
SW1
V
BAT
R
RINGING


Similar Part No. - CPC7691BB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7691BB IXYS-CPC7691BB Datasheet
266Kb / 16P
   Drop-In Replacement for CPC7591
CPC7691BBTR IXYS-CPC7691BBTR Datasheet
266Kb / 16P
   Drop-In Replacement for CPC7591
More results

Similar Description - CPC7691BB

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com