Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7593ZCTR Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC7593ZCTR
Description  Line Card Access Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7593ZCTR Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC7593ZCTR Datasheet HTML 6Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 7Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 8Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 9Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 10Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 11Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 12Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 13Page - Clare, Inc. CPC7593ZCTR Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CPC7593
10
www.clare.com
R04
1.6.6 Ringing Test Switch, SW8
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage current
VSW8 (differential) = RTESTin to
RRINGING
All-Off state.
+25° C,
VSW (differential) = -60 V to +175 V
ISW
-
0.05
1
μA
+85° C,
VSW (differential) = -60 V to +175 V
0.1
-40° C,
VSW (differential) = -60 V to +175 V
0.05
On Resistance
ISW(ON) = ±70 mA, ±80 mA
RON
-35-
Ω
On Voltage
ISW(ON) = ±1 mA
VON
-0.75
1.5
V
Steady-State Current*
Inputs set for ringing test mode.
ISW
--
100
mA
Surge Current*
Inputs set for ringing test mode.
ISW
--
1
A
Release Current
SW4 transition from on to off.
ISW
-450
-
μA
Logic input to switch
output isolation
Logic inputs = GND
+25°C, VSW (RRINGING, RTESTin)=±320V
ISW
-
0.1
1
μA
+85°C, VSW (RRINGING, RTESTin)=±330V
0.3
-40°C, VSW (RRINGING, RTESTin)=±310V
0.1
dv/dt sensitivity
100VPP Square Wave, 100Hz
(Not production tested - limits are
guaranteed by design and quality
control sampling audits.)
-500
-
V/
μs
*Protection and current limiting must prevent exceeding this parameter.


Similar Part No. - CPC7593ZCTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7593ZCTR IXYS-CPC7593ZCTR Datasheet
321Kb / 24P
   Line Card Access Switch
More results

Similar Description - CPC7593ZCTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com