Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA215 Datasheet(PDF) 1 Page - Clare, Inc.

Part # FDA215
Description  MOSFET Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FDA215 Datasheet(HTML) 1 Page - Clare, Inc.

  FDA215 Datasheet HTML 1Page - Clare, Inc. FDA215 Datasheet HTML 2Page - Clare, Inc. FDA215 Datasheet HTML 3Page - Clare, Inc. FDA215 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-FDA215-R3.0
1
FDA215
MOSFET Driver
FDA 215
Units
Open Circuit Voltage
5
V
Short Circuit Current
3.5
uA
Input Control Current
5
mA
The FDA215 is a dual photovoltac MOSFET driver
that uses a pair of optically coupled GaAIAs LEDs to
drive two photodiode arrays. When the input current
is applied to the LED, the light emitted will activate
the photodiode array and generate a voltage at the
output. The photodiode arrays are capable of gener-
ating a floating source voltage and current sufficient
to drive high power MOSFET transistors. The optical
coupling provides a high level of input to output isola-
tion. The FDA215 is well suited for use in discrete
solid state relay designs and other isolated switching
applications.
MOSFET Driver
Programmable Control
Process Control
Instrumentation
Telecommunications
UL recognized file #: E76270
CSA certified file #: LR 43639-12
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
Optically-Isolated Input to Output
May be Configured for AC and DC Switching
5mA Control Current
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape Reel Versions Available
Dual Independent, Floating Outputs for Parallel,
Series, or Isolated Configuration
Replacement of Discrete Components
Solid State Reliability
VDE compatible
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
1
Input
Output
Input
Output
+
+
+
+
2
3
4
8
7
6
5
P
V
P
V
FDA215 Pinout
Part #
Description
FDA215
8 Pin DIP (50/tube)
FDA215S
8 Pin Surface Mount (1000/reel)


Similar Part No. - FDA215

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
103Kb / 5P
   MOSFET Driver
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Clare, Inc.
FDA215S CLARE-FDA215S Datasheet
103Kb / 5P
   MOSFET Driver
logo
IXYS Corporation
FDA215S IXYS-FDA215S Datasheet
102Kb / 5P
   MOSFET Driver
logo
Clare, Inc.
FDA215STR CLARE-FDA215STR Datasheet
103Kb / 5P
   MOSFET Driver
More results

Similar Description - FDA215

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
   MOSFET driver
Rev. 01-20 November 2006
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
   MOSFET driver
Rev. 02-28 August 2009
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-24 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
   MOSFET driver
Rev. 01-27 November 2006
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
   MOSFET driver
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
   MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
logo
NXP Semiconductors
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-20 November 2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com