Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

087841-00 Datasheet(PDF) 3 Page - IXYS Corporation

Part # 087841-00
Description  8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

087841-00 Datasheet(HTML) 3 Page - IXYS Corporation

  087841-00 Datasheet HTML 1Page - IXYS Corporation 087841-00 Datasheet HTML 2Page - IXYS Corporation 087841-00 Datasheet HTML 3Page - IXYS Corporation 087841-00 Datasheet HTML 4Page - IXYS Corporation 087841-00 Datasheet HTML 5Page - IXYS Corporation 087841-00 Datasheet HTML 6Page - IXYS Corporation 087841-00 Datasheet HTML 7Page - IXYS Corporation 087841-00 Datasheet HTML 8Page - IXYS Corporation 087841-00 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MX878
3
06/08/06
Drawing No. 087809
www.claremicronix.com
MX878
IXYS
AC Electrical Characteristics
VCC=5.0V, VPWR=42V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ Max Unit
SCK Period
1
100
DC
nS
SCK High Time
1
40
nS
SCK Low Time
1
40
nS
CS High Time
1
tCSwh
50
nS
CS Falling to SCK Rising
1
tCSs
Setup Time
150
nS
CS Low Time
1
tCSwl
SCK Low, (parallel input mode)
150
nS
INX to CS Falling (SETUP TIME)
1
tINs
15
nS
INX to CS Falling (HOLD TIME)
1
tINh
30
SDI to SCK Rising (SETUP TIME)
1
tSDIs
20
nS
SDI to SCK Rising (HOLD TIME)
1
tSDIh
25
SCK Falling to SDO Data Valid
tSDO
10
nS
CS Rising to SDO High Z
tSDOz
12
nS
CS Rising to OUTX Falling
tOUTf
To 50%, C(OUTx) = 1000pF
570
nS
OUTX Fall Time
From 10% to 90%,
C(OUTx) = 1000pF
75
nS
OE Rising to OUTX Rising
To 90%
580
nS
OE Rising to OUTX Falling
To 90%
390
nS
To 10%, OUTx High
130
nS
OE Falling to OUTX High Z
To 10%, OUTx Low
90
nS
Note 1: Guaranteed by design.


Similar Part No. - 087841-00

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878030002 MOLEX10-0878030002 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.38關m (15關) Gold (Au) Plating
0878030002 MOLEX11-0878030002 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage
0878030012 MOLEX10-0878030012 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.38關m (15關") Gold (Au) Plating
0878030012 MOLEX11-0878030012 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole
0878030032 MOLEX10-0878030032 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.38關m (15關) Gold (Au) Plating
More results

Similar Description - 087841-00

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX879 IXYS-MX879 Datasheet
200Kb / 10P
   8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
logo
Clare, Inc.
MX879 CLARE-MX879 Datasheet
607Kb / 11P
   8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
   8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
   8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
MAX4896_V3 MAXIM-MAX4896_V3 Datasheet
195Kb / 13P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 3; 7/12
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com