Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY376PN Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TNY376PN
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY376PN Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TNY376PN Datasheet HTML 1Page - Power Integrations, Inc. TNY376PN Datasheet HTML 2Page - Power Integrations, Inc. TNY376PN Datasheet HTML 3Page - Power Integrations, Inc. TNY376PN Datasheet HTML 4Page - Power Integrations, Inc. TNY376PN Datasheet HTML 5Page - Power Integrations, Inc. TNY376PN Datasheet HTML 6Page - Power Integrations, Inc. TNY376PN Datasheet HTML 7Page - Power Integrations, Inc. TNY376PN Datasheet HTML 8Page - Power Integrations, Inc. TNY376PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev. A 05/07
2
TNY375-380
www.powerint.com
Pin Functional Description
DRAIN (D) Pin:
This pin is the power MOSFET drain connection. It provides
internal operating current for both start-up and steady-state
operation.
BYPASS/MULTI-FUNCTION (BP/M) Pin:
This pin has multiple functions:
It is the connection point for an external bypass capacitor for
the internally generated 5.85 V supply.
It is a mode selector for the current limit value, depending on
the value of the capacitance added. Use of a 0.1
mF
capacitor results in the standard current limit value. Use of a
1
mF capacitor results in the current limit being reduced to
that of the next smaller device size. Use of a 10
mF capacitor
results in the current limit being increased to that of the next
larger device.
It provides a shutdown function. When the current into the
bypass pin exceeds 7 mA, the device latches off until the
BP/M voltage drops below 4.9 V, during a power down or
when a line undervoltage is detected. This can be used to
provide an output overvoltage function with a Zener diode
connected from the BP/M pin to a bias winding supply.
1.
2.
3.
ENABLE/UNDERVOLTAGE (EN/UV) Pin:
This pin has dual functions: enable input and line undervoltage
sense. During normal operation, switching of the power
MOSFET is controlled by this pin. MOSFET switching is
terminated when a current greater than a threshold current is
drawn from this pin. Switching resumes when the current being
PI-4550-121406
CLOCK
OSCILLATOR
5.85 V
4.9 V
SOURCE
(S)
S
R
Q
DCMAX
BYPASS/
MULTI-FUNCTION
(BP/M)
+
-
VI
LIMIT
FAULT
PRESENT
CURRENT LIMIT
COMPARATOR
ENABLE
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
(D)
REGULATOR
5.85 V
BYPASS PIN
UNDER-VOLTAGE
1.0 V + VT
ENABLE/
UNDER-
VOLTAGE
(EN/UV)
Q
115
mA
25
mA
LINE UNDER-VOLTAGE
RESET
AUTO-
RESTART
COUNTER
JITTER 2X
1.0 V
6.4 V
BYPASS
CAPACITOR
SELECT AND
CURRENT
LIMIT STATE
MACHINE
OVP
LATCH
RESET
Figure 2
Functional Block Diagram.
PI-4348-032806
D
S
BP/M
S
S
EN/UV
P Package (DIP-8C)
8
5
7
1
4
2
S
6
Figure 3.
Pin Configuration.


Similar Part No. - TNY376PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY376P POWERINT-TNY376P Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY376PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY380GN POWERINT-TNY380GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com