Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY377PN Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TNY377PN
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY377PN Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TNY377PN Datasheet HTML 1Page - Power Integrations, Inc. TNY377PN Datasheet HTML 2Page - Power Integrations, Inc. TNY377PN Datasheet HTML 3Page - Power Integrations, Inc. TNY377PN Datasheet HTML 4Page - Power Integrations, Inc. TNY377PN Datasheet HTML 5Page - Power Integrations, Inc. TNY377PN Datasheet HTML 6Page - Power Integrations, Inc. TNY377PN Datasheet HTML 7Page - Power Integrations, Inc. TNY377PN Datasheet HTML 8Page - Power Integrations, Inc. TNY377PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Rev. A 05/07
3
TNY375-380
www.powerint.com
pulled from the pin drops to less than a threshold current. A
modulation of the threshold current reduces group pulsing.
The threshold current is between 75
mA and 115 mA.
The EN/UV pin also senses line undervoltage conditions
through an external resistor connected to the DC line voltage.
If there is no external resistor connected to this pin,
TinySwitch-PK detects its absence and disables the line under-
voltage function.
SOURCE (S) Pin:
This pin is internally connected to the output MOSFET source
for high voltage power return and control circuit common.
TinySwitch-PK Functional Description
TinySwitch-PK combines a high voltage power MOSFET switch
with a power supply controller in one device. Unlike
conventional PWM (pulse width modulator) controllers, it uses a
simple ON/OFF control to regulate the output voltage.
The controller consists of an oscillator, enable circuit (sense and
logic), current limit state machine, 5.85 V regulator, BYPASS/
MULTI-FUNCTION pin undervoltage, overvoltage circuit, and
current limit selection circuitry, over-temperature protection,
current limit circuit, leading edge blanking, and a 700 V power
MOSFET. TinySwitch-PK incorporates additional circuitry for
line undervoltage sense, auto-restart, adaptive switching cycle
on-time extension, and frequency jitter. Figure 2 shows the
functional block diagram with the most important features.
Oscillator
The typical oscillator frequency is internally set to an average of
264 kHz (at the highest current limit level). Two signals are
generated from the oscillator: the maximum duty cycle signal
(DC
MAX) and the clock signal that indicates the beginning of
each cycle.
The oscillator incorporates circuitry that introduces a small
amount of frequency jitter, typically
±3% of the oscillator
frequency, to minimize EMI emission. The modulation rate of
the frequency jitter is set to 1 kHz to optimize EMI reduction for
both average and quasi-peak emissions. The frequency jitter
should be measured with the oscilloscope triggered at the
falling edge of the DRAIN waveform. The waveform in Figure 4
illustrates the frequency jitter with an oscillator frequency of
264 kHz.
Enable Input and Current Limit State Machine
The enable input circuit at the EN/UV pin consists of a low
impedance source follower output set at 1.2 V. The current
through the source follower is limited to 115
mA. When the
current out of this pin exceeds the threshold current, a low logic
level (disable) is generated at the output of the enable circuit
until the current out of this pin is reduced to less than the
threshold current. This enable circuit output is sampled at the
beginning of each cycle on the rising edge of the clock signal.
If high, the power MOSFET is turned on for that cycle (enabled).
If low, the power MOSFET remains off (disabled). Since the
sampling is done only at the beginning of each cycle,
subsequent changes in the EN/UV pin voltage or current during
the remainder of the cycle are ignored. When a cycle is
disabled, the EN/UV pin is sampled at 264 kHz. This faster
sampling enables the power supply to respond faster without
being required to wait for completion of the full period.
The current limit state machine reduces the current limit by
discrete amounts at light loads when TinySwitch-PK is likely to
switch in the audible frequency range. The lower current limit
raises the effective switching frequency above the audio range
and reduces the transformer flux density, including the
associated audible noise. The state machine monitors the
sequence of enable events to determine the load condition and
adjusts the current limit level accordingly in discrete amounts.
Under most operating conditions (except when close to no-
load), the low impedance of the source follower keeps the
voltage on the EN/UV pin from going much below 1.2 V in the
disabled state. This improves the response time of the
optocoupler that is usually connected to this pin.
5.85 V Regulator and 6.4 V Shunt Voltage Clamp
The 5.85 V regulator charges the bypass capacitor connected
to the BYPASS pin to 5.85 V by drawing a current from the
voltage on the DRAIN pin whenever the MOSFET is off. The
BYPASS/MULTI-FUNCTION pin is the internal supply voltage
node. When the MOSFET is on, the device operates from the
energy stored in the bypass capacitor. Extremely low power
consumption of the internal circuitry allows the TNY375 and
TNY376 to operate continuously from current taken from the
DRAIN pin. A bypass capacitor value of 0.1
mF is sufficient for
both high frequency decoupling and energy storage.
In addition, there is a 6.4 V shunt regulator clamping the
BYPASS/MULTI-FUNCTION pin at 6.4 V when current is
provided to the BYPASS/MULTI-FUNCTION pin through an
external resistor. This facilitates powering of TinySwitch-PK
externally through a bias winding as required for TNY377-380.
Powering the TinySwitch-PK externally in this way also
decreases the no-load consumption to below 60 mW.
600
0
2.5
5
272 kHz
256 kHz
VDRAIN
Time (
µs)
500
400
300
200
100
0
Figure 4.
Frequency Jitter.


Similar Part No. - TNY377PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY377P POWERINT-TNY377P Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY377PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY380GN POWERINT-TNY380GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com