Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14535-00 Datasheet(PDF) 1 Page - Clare, Inc.

Part # 14535-00
Description  200-Column Cholesteric LCD Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

14535-00 Datasheet(HTML) 1 Page - Clare, Inc.

  14535-00 Datasheet HTML 1Page - Clare, Inc. 14535-00 Datasheet HTML 2Page - Clare, Inc. 14535-00 Datasheet HTML 3Page - Clare, Inc. 14535-00 Datasheet HTML 4Page - Clare, Inc. 14535-00 Datasheet HTML 5Page - Clare, Inc. 14535-00 Datasheet HTML 6Page - Clare, Inc. 14535-00 Datasheet HTML 7Page - Clare, Inc. 14535-00 Datasheet HTML 8Page - Clare, Inc. 14535-00 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MXED401
200-Column Cholesteric LCD Driver
www.clare.com
14580
January 29, 2003
FEATURES:
Drives Reflective-type Liquid Crystal
Displays
Black-White or Gray-Scale
Cholesteric LCD (ChLCD) Compatible
200 Output Channels, Cascadeable
192-Channel Mode
Token-Based Bi-directional Data
Transfer
6-Bit Data to support 64-Level
Gray-Scale
±2V to ±7V panel drive
4mA Minimum Source/Sink at ±7VOutput
Levels
2.5V to 5V logic supply
26 MHz clock frequency
4mA Minimum Source/Sink at ±7V Output
Levels
Gold-Bumped Die @ 60 micron Output Pitch
OVERVIEW:
Clare introduces the MXED401, targeted
for the emerging non-volatile reflective LCD
market, specifically bi-stable and multi-stable
Cholesteric LCD’s. The MXED401 supports 200
phase-controlled voltage data outputs. This is
the first standard product driver for ChLCD display
panels.
FUNCTIONAL DESCRIPTION:
The MXED401 driver functions as a level shifter with a resting state at ground potential. Proper
operation of the logic enables gray-scale capability. The output is a 128 Counter Clock (CCLK) event
where each channel is a low resistive switch to external symmetric (with respect to ground) voltage
supplies. Proper operation of the logic allows gray scale capability. The output is initially low (MV4)
from one to sixty-four CCLK times, then continuously high (PV4) for sixty-four CCLK times, returning
low for the balance of the 128 CCLK cycle (before returning to its quiescent value (VSS2)). The data
driver chip is manufactured in a high voltage (30 V) CMOS process and is available in gold-bumped-
die form.
The Token Bit Shift Register is used to control data latch timing for the Temporary Storage Register.
A token bit (initialized by SRIN input) is transferred sequentially among the 200 possible (internal)
outputs of the Shift register. This allows data to fill the Temporary Storage Register to in a Right to
Left fashion. When the Temporary Register is filled its contents may be transferred to the Output
Storage register via the LAT input. Output phase control is then accomplished by the Pulse Phase
Shift Logic, data then passes to the High Voltage Translator unit to control the three output switches
associated with each column output driver.


Similar Part No. - 14535-00

ManufacturerPart #DatasheetDescription
logo
Heyco.
14535 HEYCO-14535 Datasheet
393Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 14535-00

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6308 NEC-UPD6308 Datasheet
87Kb / 3P
   UPD6308 LCD COLUMN DRIVER
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Column Driver
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
   LCD Segment (Column) Driver CMOS
logo
Toshiba Semiconductor
T6B07 TOSHIBA-T6B07 Datasheet
438Kb / 10P
   COLUMN DRIVER FOR A DOT MATRIX LCD
T6A39 TOSHIBA-T6A39 Datasheet
360Kb / 8P
   COLUMN DRIVER FOR A DOT MATRIX LCD
T6A92 TOSHIBA-T6A92 Datasheet
283Kb / 8P
   COLUMN DRIVER LSI FOR A DOT MATRIX LCD
logo
NXP Semiconductors
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
   LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Texas Instruments
FPD33584 TI1-FPD33584_13 Datasheet
336Kb / 34P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
logo
Toshiba Semiconductor
T6B23 TOSHIBA-T6B23 Datasheet
287Kb / 8P
   COLUMN DRIVER SLI FOR A DOT MATRIX LCD
T6B65A TOSHIBA-T6B65A Datasheet
637Kb / 14P
   COLUMN DRIVER LSI FOR A DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com