Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCS22F60B2A Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKCS22F60B2A
Description  Control integrated Power System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS22F60B2A Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKCS22F60B2A Datasheet HTML 1Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 2Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 3Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 4Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 5Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 6Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 7Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 8Page - Infineon Technologies AG IKCS22F60B2A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CIPOS™ IKCS22F60B2A
IKCS22F60B2C
Data Sheet
5/18
Rev. 2.3, July 2009
Internal Electrical Schematic
/HIN1
/HIN2
/HIN3
/LIN1
/LIN2
/LIN3
VCC
RTS
VSS (23)
/LIN3 (20)
/LIN2 (19)
/LIN1 (18)
/HIN3 (17)
/HIN2 (16)
/HIN1 (15)
VDD (22)
VB1 (7)
VB2 (4)
VB3 (1)
VRW (14)
VRV (13)
VRU (12)
W, VS3 (2)
V, VS2 (5)
U, VS1 (8)
V+ (10)
TEMP (24)
Driver-IC
ITRIP (21)
Rbs
R1
C2
C1
CbsH1
CbsH2
CbsH3
RH1
RL1
RL2
RH2
RL3
RH3
Dbs1-
Dbs3
Tr1, U-HS
D1
Tr2, U-LS
D2
Tr3, V-HS
D3
Tr4, V-LS
D4
Tr5, W-HS
D5
Tr6, W-LS
D6
Cge1
Cge2
Cge3
Cge4
Cge5
Cge6
Cge = 390 pF
Dz
R2-R8
Figure 1: Internal Schematic


Similar Part No. - IKCS22F60B2A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS22F60F2A INFINEON-IKCS22F60F2A Datasheet
505Kb / 18P
   Control integrated Power System
Rev. 2.1, July 2009
IKCS22F60F2C INFINEON-IKCS22F60F2C Datasheet
505Kb / 18P
   Control integrated Power System
Rev. 2.1, July 2009
More results

Similar Description - IKCS22F60B2A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com