Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCS22F60F2A Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKCS22F60F2A
Description  Control integrated Power System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS22F60F2A Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKCS22F60F2A Datasheet HTML 7Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 8Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 9Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 10Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 11Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 12Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 13Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 14Page - Infineon Technologies AG IKCS22F60F2A Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CIPOS™ IKCS22F60F2A
IKCS22F60F2C
Data Sheet
11/18
Rev. 2.1, July 2009
Dynamic Parameters
(Tc = 25°C, VDD = 15V, if not stated otherwise)
Value
Description
Condition
Symbol
min
typ
max
Unit
Turn-on propagation delay
High side or low side
VLIN,HIN = 0V; Iout = 15A,
VDC = 300V
td(on)
-
718
-
Turn-on rise time
High side or low side
VLIN,HIN = 5V, Iout = 15A,
VDC = 300V
tr
-
61
-
Turn-off propagation delay
High side or low side
VLIN,HIN = 5V; Iout = 15A,
VDC = 300V
td(off)
-
937
-
Turn-off fall time
High side or low side
VLIN,HIN = 0V, Iout = 15A,
VDC = 300V
tf
-
74
-
Shutdown propagation delay ITRIP
VITRIP = 1V, Iu, Iv, Iw =15A tITRIP
-
1100
-
Input filter time ITRIP
VITRIP = 1V
tITRIPmin
155
210
380
Propagation delay ITRIP to FAULT
VITRIP = 1V
tFLT
370
Input filter time at LIN for turn on
and off and input filter time at HIN
for turn on only
VLIN,HIN = 0 V & 5V
tFILIN
120
270
-
Input filter time at HIN for turn off
VHIN = 5V
tFILIN1
-
220
-
Input filter time at HIN for turn off
VHIN = 5 V
tFILIN2
-
400
-
ns
Fault clear time after ITRIP-fault
VLIN,HIN = 0 V & 5V
VITRIP = 0 V
tFLTCLR
-
4.7
-
ms
Min. deadtime between low side
and high side
DTPWM
-
1.5
-
µs
Deadtime of gate drive circuit
DTIC
-
380
-
ns
IGBT Turn-on Energy (includes
reverse recovery of diode)
Iout = 15A, VDC = 300V
TvJ = 25°C
TvJ = 150°C
Eon
-
-
0.69
0.93
-
-
IGBT Turn-off Energy
Iout = 15A, VDC = 300V
TvJ = 25°C
TvJ = 150°C
Eoff
-
-
0.27
0.37
-
-
Diode recovery Energy
Iout = 15A, VDC = 300V
TvJ = 25°C
TvJ = 150°C
Erec
-
-
0.07
0.17
-
-
mJ


Similar Part No. - IKCS22F60F2A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IKCS22F60B2C INFINEON-IKCS22F60B2C Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
More results

Similar Description - IKCS22F60F2A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com