Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI45P03P4L-11 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPI45P03P4L-11
Description  OptiMOS-P2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI45P03P4L-11 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPI45P03P4L-11 Datasheet HTML 1Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 2Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 3Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 4Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 5Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 6Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 7Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 8Page - Infineon Technologies AG IPI45P03P4L-11 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB45P03P4L-11
IPI45P03P4L-11, IPP45P03P4L-11
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
2900
3770
pF
Output capacitance
C oss
-
835
1090
Reverse transfer capacitance
Crss
-21
42
Turn-on delay time
t d(on)
-7
-
ns
Rise time
t r
-3
-
Turn-off delay time
t d(off)
-45
-
Fall time
t f
-14
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-11
14
nC
Gate to drain charge
Q gd
-5
10
Gate charge total
Q g
-42
55
Gate plateau voltage
V plateau
-
-3.6
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
-45
A
Diode pulse current
2)
I S,pulse
-
-
-180
Diode forward voltage
V SD
V GS=0V, I F=-45A,
T j=25°C
-
-1.0
-1.3
V
Reverse recovery time
2)
t rr
-35
-
ns
Reverse recovery charge
2)
Q rr
-26
-
nC
T C=25°C
Values
V GS=0V, V DS=-25V,
f =1MHz
V DD=-15V,
V GS=-10V, I D=-45A,
R G=3.5Ω
V DD=-24V, I D=-45A,
V GS=0 to -10V
V R=-15V, I F=-45A,
di F/dt =-100A/µs
2) Defined by design. Not subject to production test.
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 2.6K/W the chip is able to carry -A at 25°C.
Rev. 1.0
page 3
2008-07-29


Similar Part No. - IPI45P03P4L-11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI45N04S4L-08 INFINEON-IPI45N04S4L-08 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPI45N06S3-16 INFINEON-IPI45N06S3-16 Datasheet
243Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2005-11-25
IPI45N06S3L-13 INFINEON-IPI45N06S3L-13 Datasheet
193Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 2.2 2007-09-06
IPI45N06S4-09 INFINEON-IPI45N06S4-09 Datasheet
160Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPI45N06S4L-08 INFINEON-IPI45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
More results

Similar Description - IPI45P03P4L-11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180P04P4-03 INFINEON-IPB180P04P4-03 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
IPD90P03P4-04 INFINEON-IPD90P03P4-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD90P03P4L-04 INFINEON-IPD90P03P4L-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD80P03P4L-07 INFINEON-IPD80P03P4L-07 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB70P04P4-09 INFINEON-IPB70P04P4-09 Datasheet
224Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.3 2011-02-14
IPB80P04P4L-04 INFINEON-IPB80P04P4L-04 Datasheet
316Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPD50P03P4L-11 INFINEON-IPD50P03P4L-11 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.1 2009-07-29
IPD70P04P4L-08 INFINEON-IPD70P04P4L-08 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-03-14
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
IPB80P03P4L-04 INFINEON-IPB80P03P4L-04 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com