Electronic Components Datasheet Search |
|
726ATT Datasheet(PDF) 4 Page - Integrated Device Technology |
|
726ATT Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 7 page ICS726A 12 TO 36 MHZ 6TSOT VCXO VCXO IDT™ / ICS™ 12 TO 36 MHZ 6TSOT VCXO 4 ICS726A REV C 092409 Absolute Maximum Ratings Stresses above the ratings listed below can cause permanent damage to the ICS726A. These ratings, which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range. Recommended Operating Conditions DC Electrical Characteristics VDD = 3.3 V ±5% , Ambient temperature 0 to +70 ° C, unless stated otherwise Item Rating Supply Voltage, VDD 7 V All Inputs and Outputs -0.5 V to VDD+0.5 V Ambient Operating Temperature 0 to +70 ° C Storage Temperature -65 to +150 ° C Soldering Temperature 260 ° C Parameter Min. Typ. Max. Units Ambient Operating Temperature 0 +70 ° C Power Supply Voltage (measured in respect to GND) +3.15 +3.45 V Reference crystal parameters Refer to page 3 Parameter Symbol Conditions Min. Typ. Max. Units Operating Voltage VDD 3.15 3.45 V Output High Voltage VOH IOH = -12 mA 2.4 V Output Low Voltage VOL IOL = 12 mA 0.4 V Output High Voltage (CMOS Level) VOH IOH = -4 mA VDD-0.4 V Operating Supply Current IDD Output = 12 MHz, no load 5mA Short Circuit Current IOS ±50 mA VIN, VCXO Control Voltage VIA 03.3 V |
Similar Part No. - 726ATT |
|
Similar Description - 726ATT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |