Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

830S21AMILFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 830S21AMILFT
Description  1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

830S21AMILFT Datasheet(HTML) 4 Page - Integrated Device Technology

  830S21AMILFT Datasheet HTML 1Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 2Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 3Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 4Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 5Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 6Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 7Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 8Page - Integrated Device Technology 830S21AMILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS830S21I
1-TO-1, 2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
IDT™ / ICS™ LVCMOS/LVTTL TRANSLATOR
4
ICS830S21AMI REV. A MARCH 21, 2008
Table 3D. Differential DC Characteristics, VDD = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1:VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
AC Electrical Characteristics
Table 4A. AC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Measured from the differential input crossing point to the output at VDD/2.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions.
Using the same type of input on each device, the output is measured at VDD/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
Table 4B. AC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: Measured from the differential input crossing point to the output at VDD/2.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions.
Using the same type of input on each device, the output is measured at VDD/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
VDD = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
VDD = 3.465V or 2.625V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.5
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
VDD – 0.85
V
VBB
Output Voltage Reference
VDD – 1.4
VDD – 1.3
VDD – 1.2
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tPD
Propagation Delay, NOTE 1
0.95
1.95
ns
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
525
ps
tjit
Buffer Additive Phase jitter, RMS;
refer to Additive Phase Jitter Section
350MHz, Integration Range
(12kHz – 20MHz)
0.11
1
ps
tR / tF
Output Rise/Fall Time
20% to 80%
85
500
ps
odc
Output Duty Cycle
ƒ
≤ 266MHz
47
53
%
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tPD
Propagation Delay, NOTE 1
1
2
ns
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
550
ps
tjit
Buffer Additive Phase jitter, RMS;
refer to Additive Phase Jitter Section
350MHz, Integration Range
(12kHz – 20MHz)
0.11
1
ps
tR / tF
Output Rise/Fall Time
20% to 80%
125
500
ps
odc
Output Duty Cycle
ƒ
≤ 266MHz
47
53
%


Similar Part No. - 830S21AMILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830S21AMILFT IDT-830S21AMILFT Datasheet
354Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results

Similar Description - 830S21AMILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS830S21I-01 IDT-ICS830S21I-01 Datasheet
4Mb / 11P
   1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
logo
Integrated Circuit Syst...
ICS83021I ICST-ICS83021I Datasheet
158Kb / 11P
   2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
ICS830-21I ICST-ICS830-21I Datasheet
160Kb / 12P
   2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
logo
Integrated Device Techn...
ICS83023I IDT-ICS83023I Datasheet
328Kb / 13P
   DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
   2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com