Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840S06I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS840S06I
Description  CLOCK GENERATOR FOR CAVIUM PROCESSORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840S06I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS840S06I Datasheet HTML 6Page - Integrated Device Technology ICS840S06I Datasheet HTML 7Page - Integrated Device Technology ICS840S06I Datasheet HTML 8Page - Integrated Device Technology ICS840S06I Datasheet HTML 9Page - Integrated Device Technology ICS840S06I Datasheet HTML 10Page - Integrated Device Technology ICS840S06I Datasheet HTML 11Page - Integrated Device Technology ICS840S06I Datasheet HTML 12Page - Integrated Device Technology ICS840S06I Datasheet HTML 13Page - Integrated Device Technology ICS840S06I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ICS840S06I
CLOCK GENERATOR FOR CAVIUM PROCESSORS
PRELIMINARY
IDT™ / ICS™ CLOCK GENERATOR
10
ICS840S06AKI REV. AI JULY 10, 2008
Application Information
Wiring the Differential Input to Accept Single-Ended Levels
Figure 1 shows how the differential input can be wired to accept
single-ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and
R2/R1 = 0.609.
Figure 1. Single-Ended Signal Driving Differential Input
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter per-
formance, power supply isolation is required. The ICS840S06I
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. VDD, VDDA and VDDO_X
should be individually connected to the power supply plane
through vias, and 0.01µF bypass capacitors should be used for
each pin. Figure 2 illustrates this for a generic VDD pin and also
shows that VDDA requires that an additional 10Ω resistor along with
a 10
µF bypass capacitor be connected to the V
DDA pin.
Figure 2. Power Supply Filtering
V_REF
Single Ended Clock Input
VDD
CLK
nCLK
R1
1K
C1
0.1u
R2
1K
VDD
VDDA
3.3V
10
10µF
.01µF
.01µF


Similar Part No. - ICS840S06I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840-125 ICST-ICS840-125 Datasheet
166Kb / 9P
   125MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840-77 ICST-ICS840-77 Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS840001-31 ICST-ICS840001-31 Datasheet
164Kb / 9P
   FEMTOCLOCKS-TM CRYSTAL -TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840S06I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
   Clock Generator for Cavium Processors
October 11, 2019
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
   Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
   Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
MARCH 28, 2011
logo
Integrated Device Techn...
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com