Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843S1066 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS843S1066
Description  CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843S1066 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS843S1066 Datasheet HTML 4Page - Integrated Device Technology ICS843S1066 Datasheet HTML 5Page - Integrated Device Technology ICS843S1066 Datasheet HTML 6Page - Integrated Device Technology ICS843S1066 Datasheet HTML 7Page - Integrated Device Technology ICS843S1066 Datasheet HTML 8Page - Integrated Device Technology ICS843S1066 Datasheet HTML 9Page - Integrated Device Technology ICS843S1066 Datasheet HTML 10Page - Integrated Device Technology ICS843S1066 Datasheet HTML 11Page - Integrated Device Technology ICS843S1066 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ICS843S1066
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
IDT™ / ICS™ 3.3V LVPECL CLOCK SYNTHESIZER
8
ICS843S1066CG REV. A AUGUST 27, 2008
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS843S1066.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS843S1066 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 53mA = 183.6mW
Power (outputs)MAX = 32mW/Loaded Output pair
Total Power_MAX (3.3V, with all outputs switching) = 183.65mW + 32mW = 215.6mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 115.2°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.216W * 115.2°C/W = 94.9°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board.
Table 7. Thermal Resistance θJA for 8 Lead TSSOP, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
115.2°C/W
110.9
108.8


Similar Part No. - ICS843S1066

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
More results

Similar Description - ICS843S1066

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
   Crystal-to-3.3V LVPECL Clock Synthesizer
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
   FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
843022I-48 RENESAS-843022I-48 Datasheet
382Kb / 17P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
9/25/15
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com