Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS854S204I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS854S204I
Description  LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S204I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS854S204I Datasheet HTML 1Page - Integrated Device Technology ICS854S204I Datasheet HTML 2Page - Integrated Device Technology ICS854S204I Datasheet HTML 3Page - Integrated Device Technology ICS854S204I Datasheet HTML 4Page - Integrated Device Technology ICS854S204I Datasheet HTML 5Page - Integrated Device Technology ICS854S204I Datasheet HTML 6Page - Integrated Device Technology ICS854S204I Datasheet HTML 7Page - Integrated Device Technology ICS854S204I Datasheet HTML 8Page - Integrated Device Technology ICS854S204I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IDT/ ICSLVDS, LVPECL FANOUT BUFFER
5
ICS854S204BGI REV. A JUNE 4, 2008
ICS854S204I
LOW SKEW, DUAL, 1-TO-2 DIFFERENTIAL-TO-LVDS, LVPECL FANOUT BUFFER
TABLE 5A. LVDS AC CHARACTERISTICS, V
DD = 3.3V ± 5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
3z
H
G
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
0
0
5s
p
t
)
o
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
1s
p
t
)
b
(
k
s4
,
3
E
T
O
N
;
w
e
k
S
k
n
a
B
5
1s
p
t t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
n
o
i
t
c
e
S
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
0
0
1
z
H
M
0
2
z
H
k
2
1
5
1
.
0s
p
t
R /tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
10
0
2s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
9
41
5%
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
0
5
5
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O1
=
T
U
O
_
L
E
SV
D
D
3
.
1
-V
D
D
8
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O1
=
T
U
O
_
L
E
SV
D
D
0
.
2
-V
D
D
6
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P1
=
T
U
O
_
L
E
S6
.
09
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
D
D
.
V
2
-
TABLE 4I. LVPECL DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 5B. LVDS AC CHARACTERISTICS, V
DD = VTAP = 2.5V ± 5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
3z
H
G
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
0
0
5s
p
t
)
o
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
1s
p
t
)
b
(
k
s4
,
3
E
T
O
N
;
w
e
k
S
k
n
a
B
5
1s
p
t t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
n
o
i
t
c
e
S
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
0
0
1
z
H
M
0
2
z
H
k
2
1
3
1
.
0s
p
t
R /tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
10
0
2s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
9
41
5%
.
e
v
o
b
a
A
5
e
l
b
a
T
e
e
s
,
S
E
T
O
N
r
o
F
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O1
=
T
U
O
_
L
E
SV
D
D
3
.
1
-V
D
D
8
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O1
=
T
U
O
_
L
E
SV
D
D
0
.
2
-V
D
D
5
5
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P1
=
T
U
O
_
L
E
S6
.
09
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
D
D
.
V
2
-
TABLE 4J. LVPECL DC CHARACTERISTICS, V
DD = VTAP = 2.5V±5%, T
A
= -40°C TO 85°C


Similar Part No. - ICS854S204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
More results

Similar Description - ICS854S204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
   Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com