Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CK Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS1893CK
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CK Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS1893CK Datasheet HTML 7Page - Integrated Device Technology ICS1893CK Datasheet HTML 8Page - Integrated Device Technology ICS1893CK Datasheet HTML 9Page - Integrated Device Technology ICS1893CK Datasheet HTML 10Page - Integrated Device Technology ICS1893CK Datasheet HTML 11Page - Integrated Device Technology ICS1893CK Datasheet HTML 12Page - Integrated Device Technology ICS1893CK Datasheet HTML 13Page - Integrated Device Technology ICS1893CK Datasheet HTML 14Page - Integrated Device Technology ICS1893CK Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
Chapter 4 Operating Modes Overview
ICS1893CF, Rev. J, 08/11/09
August, 2009
11
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
4.1.2 Specific Reset Operations
This section discusses the following specific ways that the ICS1893CF can be reset:
Hardware reset (using the RESETn pin)
Power-on reset (applying power to the ICS1893CF)
Software reset (using Control Register bit 0.15)
Note: At the completion of a reset (either hardware, power-on, or software), the ICS1893CF sets all
registers to their default values.
4.1.2.1 Hardware Reset
Entering Hardware Reset
Holding the active-low RESETn pin low for a minimum of five REF_IN clock cycles initiates a hardware
reset (that is, the ICS1893CF enters the reset state). During reset, the ICS1893CF executes the steps
listed in Section 4.1.1.1, “Entering Reset”.
Exiting Hardware Reset
After the signal on the RESETn pin transitions from a low to a high state, the ICS1893CF completes in 640
ns (that is, in 16 REF_IN clocks) steps 1 through 5, listed in Section 4.1.1.2, “Exiting Reset”. After the first
five steps are completed, the Serial Management Port is ready for normal operations, but this action does
not signify the end of the reset cycle. The reset cycle completes when the transmit clock (TXCLK) and
receive clock (RXCLK) are available, which is typically 53 ms after the RESETn pin goes high. [For details
on this transition, see Section 9.5.16, “Reset: Hardware Reset and Power-Down”.]
Note:
1. The MAC Interface is not available for use until the TXCLK and RXCLK are valid.
2. The Control Register bit 0.15 does not represent the status of a hardware reset. It is a self-clearing bit
that is used to initiate a software reset.
4.1.2.2 Power-On Reset
Entering Power-On Reset
When power is applied to the ICS1893CF, it waits until the potential between VDD and VSS achieves a
minimum voltage before entering reset and executing the steps listed in Section 4.1.1.1, “Entering Reset”.
After entering reset from a power-on condition, the ICS1893CF remains in reset for approximately 20
µs.
(For details on this transition, see Section 9.5.15, “Reset: Power-On Reset”.)
Exiting Power-On Reset
The ICS1893CF automatically exits reset and performs the same steps as for a hardware reset. (See
Section 4.1.1.2, “Exiting Reset”.)
Note: The only difference between a hardware reset and a power-on reset is that during a power-on
reset, the ICS1893CF isolates its RESETn input pin. All other functionality is the same. As with a
hardware reset, Control Register bit 0.15 does not represent the status of a power-on reset.


Similar Part No. - ICS1893CK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893CK ICST-ICS1893CK Datasheet
1Mb / 126P
   3.3-V 10Base-T/100Base-TX Integrated PHYceive
logo
Integrated Device Techn...
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893CKI ICST-ICS1893CKI Datasheet
1Mb / 126P
   3.3-V 10Base-T/100Base-TX Integrated PHYceive
ICS1893CKILF ICST-ICS1893CKILF Datasheet
1Mb / 126P
   3.3-V 10Base-T/100Base-TX Integrated PHYceive
logo
Renesas Technology Corp
ICS1893CKILF RENESAS-ICS1893CKILF Datasheet
858Kb / 127P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
May, 2010
More results

Similar Description - ICS1893CK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com