Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4605-2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA4605-2
Description  Control IC for Switched-Mode Power Supplies using MOS-Transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4605-2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA4605-2 Datasheet HTML 1Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 2Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 3Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 4Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 5Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 6Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 7Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 8Page - Infineon Technologies AG TDA4605-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 2.0
5
1 Jul 2002
TDA 4605-2
Pin Definitions and Functions
Pin No.
Function
1
Information Input Concerning Secondary Voltage. By comparing the
regulating voltage - obtained from the regulating winding of the transformer - with
the internal reference voltage, the output impulse width on pin 5 is adjusted to the
load of the secondary side (normal load, overload, short-circuit, no load).
2
Information Input Regarding the Primary Current. The primary current rise in
the primary winding is simulated at pin 2 as a voltage rise by means of external
RC-circuit. If a voltage level is reached which is derived from the control voltage
at pin 1, the output impulse at pin 5 is terminated. The RC-circuit is used to set
the maximum power of the foldback point.
3
Input for Primary Voltage Monitoring: In the normal operation
V3 is moving
between the thresholds
V3H and V3L (V3H > V3 > V3L).
V3 < V3L: SMPS is switched OFF (line voltage too low).
V3 > V3H : Compensation of the overload point regulation (controlled by pin 2)
starts at
V3H : V3L = 1.7.
4
Ground
5
Output: Push-pull output for charging or discharging the gate capacity of the
power MOSFET-transistor.
6
Supply Voltage Input. From the voltage at pin 6 a stable internal reference
voltage
VREF and the switching thresholds V6A , V6E , V6 max and V6 min for the
supply voltage detector are derived. If
V6 > V6E then VREF is switched on. The
reference voltage will be switched off if
V6 < V6A . In addition the logic is only
enable, for
V6 min < V6 < V6 max .
7
Input for Soft-Start and Integrator Circuit. The capacitor connected to ground
causes a slow increase of the duration of the output pulse during start-up and an
integrating response of the control amplifier.
8
Input for the Feedback of the Oscillator. After the oscillations of the SMPS
started, every transition of the feedback voltage through zero (falling edge)
triggers an output pulse at pin 5. The trigger threshold is at + 50 mV typical.


Similar Part No. - TDA4605-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
More results

Similar Description - TDA4605-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com