Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2035CT Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBR2035CT
Description  SWITCHMODE?? Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR2035CT Datasheet(HTML) 3 Page - Motorola, Inc

  MBR2035CT Datasheet HTML 1Page - Motorola, Inc MBR2035CT Datasheet HTML 2Page - Motorola, Inc MBR2035CT Datasheet HTML 3Page - Motorola, Inc MBR2035CT Datasheet HTML 4Page - Motorola, Inc MBR2035CT Datasheet HTML 5Page - Motorola, Inc MBR2035CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR2035CT MBR2045CT
3
Rectifier Device Data
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
110
TC, CASE TEMPERATURE (°C)
20
15
10
5.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
32
16
8.0
4.0
0
40
120
130
140
40
20
160
12
150
160
Figure 5. Current Derating, Infinite Heatsink
Figure 6. Current Derating, R
qJA = 16°C/W
60
120
100
140
4.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
16
10
8.0
4.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
10
8.0
4.0
2.0
0
40
8.0
12
20
16
20
20
160
6.0
24
32
28
Figure 7. Forward Power Dissipation
Figure 8. Current Derating, Free Air
60
120
100
140
35
30
25
28
20
24
6.0
2.0
18
14
12
0.01
0.1
1.0
10
100
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
∆TJL = Ppk • RθJL [D + (1 – D) • r(t1 + tp) + r(tp) – r(t1)] where:
∆TJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time,
t1 + tp, etc.
1000
Figure 9. Thermal Response
dc
TJ = 150°C
SINE WAVE
RESISTIVE LOAD
SQUARE
WAVE
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
20
10
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
20
10
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
RqJA = 60°C/W
0.07
0.7


Similar Part No. - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2035CT DIODES-MBR2035CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
Shenzhen Luguang Electr...
MBR2035CT LUGUANG-MBR2035CT Datasheet
99Kb / 2P
   ITO-220AB
logo
Vishay Siliconix
MBR2035CT VISHAY-MBR2035CT Datasheet
512Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
logo
Mospec Semiconductor
MBR2035CT MOSPEC-MBR2035CT Datasheet
139Kb / 2P
   Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2035CT KERSEMI-MBR2035CT Datasheet
427Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com