Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85105AGILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 85105AGILF
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85105AGILF Datasheet(HTML) 1 Page - Integrated Device Technology

  85105AGILF Datasheet HTML 1Page - Integrated Device Technology 85105AGILF Datasheet HTML 2Page - Integrated Device Technology 85105AGILF Datasheet HTML 3Page - Integrated Device Technology 85105AGILF Datasheet HTML 4Page - Integrated Device Technology 85105AGILF Datasheet HTML 5Page - Integrated Device Technology 85105AGILF Datasheet HTML 6Page - Integrated Device Technology 85105AGILF Datasheet HTML 7Page - Integrated Device Technology 85105AGILF Datasheet HTML 8Page - Integrated Device Technology 85105AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW SKEW, 1-TO-5, DIFFERENTIAL/
LVCMOS-TO-0.7V HCSL FANOUT BUFFER
ICS85105I
IDT/ ICS0.7V HCSL FANOUT BUFFER
1
ICS85105AGI REV. A JUNE 5, 2008
GENERAL DESCRIPTION
The ICS85105I is a low skew, high performance 1-
to-5 Differential-to-0.7V HCSL Fanout Buffer and
a member of the HiPerClockS™ family of High
Pe r fo r mance Clock Solutions from IDT. The
ICS85105I has two selectable clock inputs. The
CLK0, nCLK0 pair can accept most standard differential
input levels. The single-ended CLK1 can accept LVCMOS or
LVTTL input levels. The clock enable is internally synchronized
to eliminate runt clock pulses on the outputs during asynchro-
nous assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make
the ICS85105I ideal for those applications demanding well
defined performance and repeatability.
FEATURES
• Five 0.7V differential HCSL outputs
• Selectable differential CLK0, nCLK0 or LVCMOS inputs
• CLK0, nCLK0 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V
HCSL levels with resistor bias on nCLK input
• Output skew: 100ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 3.2ns (maximuml)
• Additive phase jitter, RMS: 0.24ps (typical)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
GND
CLK_EN
CLK_SEL
CLK0
nCLK0
CLK1
Q4
nQ4
IREF
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
nQ0
VDD
Q1
nQ1
Q2
nQ2
VDD
Q3
nQ3
ICS85105I
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm Package Body
G Package
Top View
Q0
nQ0
Q1
nQ1
CLK_EN
CLK_SEL
IREF
CLK1
CLK0
nCLK0
D
LE
Q
0
1
Q2
nQ2
Q4
nQ4
Q3
nQ3
Pulldown
Pulldown
Pulldown
Pullup
Pullup/Pulldown


Similar Part No. - 85105AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85105AGILF IDT-85105AGILF Datasheet
218Kb / 17P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
85105AGILF RENESAS-85105AGILF Datasheet
415Kb / 18P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
logo
Integrated Device Techn...
85105AGILFT IDT-85105AGILFT Datasheet
218Kb / 17P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
85105AGILFT RENESAS-85105AGILFT Datasheet
415Kb / 18P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results

Similar Description - 85105AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85105I IDT-85105I Datasheet
218Kb / 17P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
85105I RENESAS-85105I Datasheet
415Kb / 18P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
logo
Integrated Device Techn...
85104I IDT-85104I Datasheet
222Kb / 17P
   Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
85102I RENESAS-85102I Datasheet
348Kb / 18P
   Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
85104I RENESAS-85104I Datasheet
419Kb / 18P
   Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
logo
Integrated Device Techn...
85102 IDT-85102 Datasheet
244Kb / 17P
   Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
   LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com