Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87973DYI-147LF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 87973DYI-147LF
Description  LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87973DYI-147LF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 87973DYI-147LF Datasheet HTML 3Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 4Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 5Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 6Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 7Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 8Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 9Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 10Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ICS87973I-147
LOW SKEW, 1-TO-12, LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
IDT™ / ICS™ LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
7
ICS87973DYI-147 REV. A DECEMBER 9, 2008
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. DC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
to V
DDO/2. See Parameter Measurement Information section. Load Test Circuit diagram.
NOTE 2: VIL should not be less than -0.3V.
NOTE 3: Common mode input voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDDO + 0.5V
Package Thermal Impedance,
θ
JA
42.3
°C/W (0 lfpm)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
225
mA
IDDA
Analog Supply Current
20
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIN
Input Current
±120
µA
VOH
Output High Voltage; NOTE 1
IOH = -20mA
2.4
V
VOL
Output Low Voltage; NOTE 1
IOL = 20mA
0.5
V
VPP
Peak-to-Peak Input Voltage;
NOTE 2, 3
CLK, nCLK
0.3
1
V
VCMRP
Common Mode Input Voltage;
NOTE 2, 3
CLK, nCLK
VDD - 2
VDD - 0.6
V


Similar Part No. - 87973DYI-147LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87973DYI-147LF IDT-87973DYI-147LF Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87973DYI-147LF RENESAS-87973DYI-147LF Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
logo
Integrated Device Techn...
87973DYI-147LFT IDT-87973DYI-147LFT Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87973DYI-147LFT RENESAS-87973DYI-147LFT Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
More results

Similar Description - 87973DYI-147LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
logo
Integrated Circuit Syst...
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com