Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

810252BKI-03LF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 810252BKI-03LF
Description  VCXO Jitter Attenuator and FemtoClock??Multiplier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

810252BKI-03LF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 810252BKI-03LF Datasheet HTML 4Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 5Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 6Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 7Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 8Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 9Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 10Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 11Page - Integrated Device Technology 810252BKI-03LF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ICS810252BYI-03 REVISION A AUGUST 20, 2009
8
©2009 Integrated Device Technology, Inc.
ICS810252BI-03 Data Sheet
VCXO JITTER ATTENUATOR & FEMTOCLOCK™ MULTIPLIER
TYPICAL PHASE NOISE AT 125MHZ
125MHz
RMS Phase Jitter (Random)
12kHz to 20MHz = 1.1ps (typical)
OFFSET FREQUENCY (HZ)


Similar Part No. - 810252BKI-03LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
810252BKI-03LF RENESAS-810252BKI-03LF Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
810252BKI-03LFT RENESAS-810252BKI-03LFT Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
More results

Similar Description - 810252BKI-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
   VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813N252I-02 IDT-ICS813N252I-02 Datasheet
336Kb / 24P
   Jitter Attenuator & FemtoClock NG짰 Multiplier
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com