Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813078I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS813078I
Description  FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS813078I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS813078I Datasheet HTML 1Page - Integrated Device Technology ICS813078I Datasheet HTML 2Page - Integrated Device Technology ICS813078I Datasheet HTML 3Page - Integrated Device Technology ICS813078I Datasheet HTML 4Page - Integrated Device Technology ICS813078I Datasheet HTML 5Page - Integrated Device Technology ICS813078I Datasheet HTML 6Page - Integrated Device Technology ICS813078I Datasheet HTML 7Page - Integrated Device Technology ICS813078I Datasheet HTML 8Page - Integrated Device Technology ICS813078I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ICS813078I
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
5
ICS813078BYI REV. A OCTOBER 6, 2008
Table 3B. PLL Output-Divider (NA) Configuration Table.
Table 3C. PLL Output-Divider (NB) Configuration Table.
Table 3D. PLL Output-Divider (NC) Configuration Table.
Table 3E. Femtoclock PLL Feedback Divider (MF) Configuration Table (fXTAL = 30.72MHz)
Inputs
Output-Divider
NA
Operation
QAn Output
Frequency (MHz)
NA1
NA0
MF = 0
MF = 1
0 (default)
0 (default)
2
fQAn = fVCO ÷ 2
245.76
307.2
01
4
fQAn = fVCO ÷ 4
122.88
153.6
10
5
fQAn = fVCO ÷ 5
98.304
122.88
11
8
fQAn = fVCO ÷ 8
61.44
76.8
Inputs
Output-Divider
NB
Operation
QBn Output
Frequency (MHz)
NB1
NB0
MF = 0
MF = 1
0 (default)
0 (default)
1
fQBn = fVCO ÷ 1
491.52
614.4
01
4
fQBn = fVCO ÷ 4
122.88
153.6
10
5
fQBn = fVCO ÷ 5
98.304
122.88
11
8
fQBn = fVCO ÷ 8
61.44
76.8
Inputs
Output-Divider
NC
Operation
QCn Output
Frequency (MHz)
NC1
NC0
MF = 0
MF = 1
0 (default)
0 (default)
4
fQCn = fVCO ÷ 4
122.08
153.6
01
5
fQCn = fVCO ÷ 5
98.304
122.88
10
8
fQCn = fVCO ÷ 8
61.44
76.8
11
16
fQCn = fVCO ÷ 16
30.72
38.4
Input
Feedback Divider MF
Operation
MF
0 (default)
16
fVCO = fVCXO x 16 = 491.52MHz
120
fVCO = fVCXO x 20 = 614.4MHz


Similar Part No. - ICS813078I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results

Similar Description - ICS813078I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
   FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
logo
Renesas Technology Corp
813076I RENESAS-813076I Datasheet
558Kb / 24P
   Frequency Generator/Jitter Attenuation Device For Wireless Infrastructure Applications
7/29/16
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
logo
Renesas Technology Corp
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
   FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com