Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4207G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4207G
Description  1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4207G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4207G Datasheet HTML 4Page - Infineon Technologies AG TLE4207G Datasheet HTML 5Page - Infineon Technologies AG TLE4207G Datasheet HTML 6Page - Infineon Technologies AG TLE4207G Datasheet HTML 7Page - Infineon Technologies AG TLE4207G Datasheet HTML 8Page - Infineon Technologies AG TLE4207G Datasheet HTML 9Page - Infineon Technologies AG TLE4207G Datasheet HTML 10Page - Infineon Technologies AG TLE4207G Datasheet HTML 11Page - Infineon Technologies AG TLE4207G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
8
Rev. 1.1, 2008-01-08
TLE4207G
Outputs OUT1-2
Saturation Voltages
Source (upper)
I
OUT = – 0.2 A
V
SAT U
0.85 1.15
V
T
j = 25 °C
Source (upper)
I
OUT = – 0.4 A
V
SAT U
0.90 1.20
V
T
j = 25 °C
Sink (upper)
I
OUT = – 0.8 A
V
SAT U
1.10 1.50
V
T
j = 25 °C
Sink (lower)
I
OUT = 0.2 A
V
SAT L
0.15 0.23
V
T
j = 25 °C
Sink (lower)
I
OUT = 0.4 A
V
SAT L
0.25 0.40
V
T
j = 25 °C
Sink (lower)
I
OUT = 0.8 A
V
SAT L
0.45 0.75
V
T
j = 25 °C
Total Drop
I
OUT = 0.2 A
V
SAT
–1
1.4
V
V
SAT = VSAT U + VSAT L
Total Drop
I
OUT = 0.4 A
V
SAT
–1.2
1.7
V
V
SAT = VSAT U + VSAT L
Total Drop
I
OUT = 0.8 A
V
SAT
–1.6
2.5
V
V
SAT = VSAT U + VSAT L
Clamp Diodes
Forward voltage; upper
V
FU
–1
1.5
V
I
F = 0.4 A
Upper leakage current
I
LKU
––
5
mA
I
F = 0.4 A
1)
Forward voltage; lower
V
FL
–0.9
1.4
V
I
F = 0.4 A
Notes see page 10.
Electrical Characteristics (cont’d)
8 V <
V
S < 18 V; INH = High; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.


Similar Part No. - TLE4207G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4207G SIEMENS-TLE4207G Datasheet
147Kb / 14P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G Datasheet
370Kb / 15P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
logo
Siemens Semiconductor G...
TLE4207GL SIEMENS-TLE4207GL Datasheet
147Kb / 14P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
More results

Similar Description - TLE4207G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4207 SIEMENS-TLE4207 Datasheet
147Kb / 14P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
   DUAL HALF BRIDGE DRIVER
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
   Dual Half Bridge Driver
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
   Dual Half Bridge Motor Driver
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com