Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8430AY-62LFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8430AY-62LFT
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8430AY-62LFT Datasheet(HTML) 3 Page - Integrated Device Technology

  8430AY-62LFT Datasheet HTML 1Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 2Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 3Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 4Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 5Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 6Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 7Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 8Page - Integrated Device Technology 8430AY-62LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
3
©2009 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2, 28, 29,
30, 31, 32
M5, M6, M0, M1,
M2, M3, M4
Input
Pulldown
M divider inputs. Data latched on LOW-to-HIGH transition of nP_LOAD input.
LVCMOS/LVTTL interface levels.
3, 4
M7, M8
Input
Pullup
5, 7
N0, N2
Input
Pulldown
Determines output divider value as defined in Table 3C, Function Table.
LVCMOS/LVTTL interface levels.
6
N1
Input
Pullup
8, 16
VEE
Power
Negative supply pins.
9
TEST
Output
Test output which is ACTIVE in the serial mode of operation.
Output driven LOW in parallel mode. LVCMOS/LVTTL interface levels.
10
VCC
Power
Core supply pin.
11, 12
FOUT1, nFOUT1
Output
Differential output pair for the synthesizer. LVPECL interface levels.
13
VCCO
Power
Output supply pin for LVPECL outputs.
14, 15
FOUT0, nFOUT0
Output
Differential output pair for the synthesizer. LVPECL interface levels.
17
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs FOUTx to go low and the inverted outputs nFOUTx to
go high. When Logic LOW, the internal dividers and the outputs are enabled.
Assertion of MR does not affect loaded M, N, and T values.
LVCMOS/LVTTL interface levels.
18
S_CLOCK
Input
Pulldown
Clocks in serial data present at S_DATA input into the shift register on the
rising edge of S_CLOCK. LVCMOS/LVTTL interface levels.
19
S_DATA
Input
Pulldown
Shift register serial input. Data sampled on the rising edge of S_CLOCK.
LVCMOS/LVTTL interface levels.
20
S_LOAD
Input
Pulldown
Controls transition of data from shift register into the dividers.
LVCMOS/LVTTL interface levels.
21
VCCA
Power
Analog supply pin.
22
XTAL_SEL
Input
Pullup
Selects between crystal oscillator or REF_CLK inputs as the PLL reference
source. Selects XTAL inputs when HIGH. Selects REF_CLK when LOW.
LVCMOS/LVTTL interface levels.
23
REF_CLK
Input
Pulldown
Single-ended reference clock input. LVCMOS/LVTTL interface levels.
24,
25
XTAL_OUT
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
26
nP_LOAD
Input
Pulldown
Parallel load input. Determines when data present at M8:M0 is loaded into M
divider, and when data present at N2:N0 sets the N output divider value.
LVCMOS/LVTTL interface levels.
27
VCO_SEL
Input
Pullup
Determines whether synthesizer is in PLL or bypass mode. When LOW,
synthesizer is in bypass mode, when HIGH,synthesizer is in PLL mode.
LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k


Similar Part No. - 8430AY-62LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8430AY-61LF IDT-8430AY-61LF Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430AY-61LF RENESAS-8430AY-61LF Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Integrated Device Techn...
8430AY-61LFT IDT-8430AY-61LFT Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430AY-61LFT RENESAS-8430AY-61LFT Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
More results

Similar Description - 8430AY-62LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430I-61 RENESAS-8430I-61 Datasheet
501Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer
10/15/15
logo
Integrated Device Techn...
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
   260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com