Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4309G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4309G
Description  Adjustable Linear Low Dropout LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4309G Datasheet HTML 4Page - Infineon Technologies AG TLE4309G Datasheet HTML 5Page - Infineon Technologies AG TLE4309G Datasheet HTML 6Page - Infineon Technologies AG TLE4309G Datasheet HTML 7Page - Infineon Technologies AG TLE4309G Datasheet HTML 8Page - Infineon Technologies AG TLE4309G Datasheet HTML 9Page - Infineon Technologies AG TLE4309G Datasheet HTML 10Page - Infineon Technologies AG TLE4309G Datasheet HTML 11Page - Infineon Technologies AG TLE4309G Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Datasheet
10
Rev. 1.0, 2007-03-20
TLE4309
4. Calculating the maximum power dissipation:
For calculating the maximum power dissipation, the minimum forward voltage sum of the
LEDs connected in series
V
F,MIN,total (= No.ofLEDs* VF,MIN) , the maximum supply
voltage
V
I,MAX , the IC current consumption Iq,MAX , as well as the the maximum output
current
I
Q,MAX needs to be considered. Hence, the maximum power dissipation PD,MAX
calculates:
P
D,MAX = (VI,MAX - VF,MIN,total)* IQ,MAX + VI,MAX * Iq,MAX
With assuming a maximum current consumption of 15 mA @
I
Q = 260 mA,
the
maximum power dissipation for the example is 1.28 W.
5. Thermal Resistance needed:
The thermal resistance from junction to ambient
R
th,j-a calculates:
R
th,j-a = (Tj,max - Ta,max) / PD,MAX
With allowing a junction temperature of 150 °C, the
R
th,j-a needed in our example would
be 50 K/W.
In case some copper area on the PCB is used as a heat sink, the area needed is
approximately 6 cm
2 (board in horizontal position, no airflow). If the area is not available,
several via holes to the GND-layer or to a heatsink area on the PCB backside help to
distribute the heat.
For additional information on the thermal resistance see Infineon’ s special subject book
“Thermal Resistance - Theory and Practice” including extended package information.


Similar Part No. - TLE4309G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305 Datasheet
266Kb / 15P
   Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305 INFINEON-TLE4305 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305G INFINEON-TLE4305G Datasheet
266Kb / 15P
   Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305G INFINEON-TLE4305G Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
More results

Similar Description - TLE4309G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
   Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
   Low Dropout Linear LED Driver
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
Solid States Devices, I...
SVR1083 SSDI-SVR1083 Datasheet
150Kb / 2P
   Low Dropout Positive Adjustable Linear
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
   ADJUSTABLE 60V LINEAR LED DRIVER
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
   ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com