Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843442AGILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 843442AGILF
Description  FemtoClock??SAS/SATA Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843442AGILF Datasheet(HTML) 1 Page - Integrated Device Technology

  843442AGILF Datasheet HTML 1Page - Integrated Device Technology 843442AGILF Datasheet HTML 2Page - Integrated Device Technology 843442AGILF Datasheet HTML 3Page - Integrated Device Technology 843442AGILF Datasheet HTML 4Page - Integrated Device Technology 843442AGILF Datasheet HTML 5Page - Integrated Device Technology 843442AGILF Datasheet HTML 6Page - Integrated Device Technology 843442AGILF Datasheet HTML 7Page - Integrated Device Technology 843442AGILF Datasheet HTML 8Page - Integrated Device Technology 843442AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
ICS843442AGI REVISION A JUNE 24, 2009
1
©2009 Integrated Device Technology, Inc.
FemtoClock™ SAS/SATA Clock Generator
ICS843442I
General Description
The ICS843442I is a low jitter, high performance clock
generator and a member of the FemtoClock™family of
silicon timing products. The ICS843442I is designed
for use in applications using the SAS and SATA
interconnect. The ICS843442I uses an external,
25MHz, parallel resonant crystal to generate two selectable output
frequencies: 75MHz and 150MHz. This silicon based approach
provides excellent frequency stability and reliability. The ICS843442I
features down and center spread spectrum (SSC) clocking
techniques.
Applications
SAS/SATA Host Bus Adapters
SATA Port Multipliers
SAS I/O Controllers
TapeDrive and HDD Array Controllers
SAS Edge and Fanout Expanders
HDDs and TapeDrives
Disk Storage Enterprise
Features
Designed for use in SAS, SAS-2, and SATA systems
Center (±0.25%) Spread Spectrum Clocking (SSC)
Down (-0.23% or -0.5%) SSC
Two differential 3.3V LVPECL output pairs
Crystal oscillator interface designed for 25MHz (C
L = 18pF)
frequency
External fundamental crystal frequency ensures high reliability
and low aging
Selectable output frequencies: 75MHz, 150MHz
Output frequency is tunable with external capacitors
RMS phase jitter at 150MHz (integrated from 12kHz to 20MHz):
1.07ps (typical)
3.3V operating supply
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
HiPerClockS™
ICS
Block Diagram
Pin Assignment
ICS843442I
16-Lead TSSOP
4.4mm x 5.0mm x 0.925mm package body
G Package
Top View
OSC
Q0
nQ0
XTAL_IN
XTAL_OUT
25MHz
SSC_SEL[1:0]
nPLL_SEL
Q1
nQ1
FemtoClock™
PLL
Clock Output
Control Logic
0
1
Pulldown
Pulldown
F_SEL Pullup
0 =
75MHz
1 = 150MHz
(default)
2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSC_SEL1
nc
nc
nc
SSC_SEL0
XTAL_IN
XTAL_OUT
VEE
F_SEL
VEE
nPLL_SEL
nQ0
Q0
nQ1
Q1
VCC


Similar Part No. - 843442AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843442AGILF RENESAS-843442AGILF Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
logo
Integrated Device Techn...
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
More results

Similar Description - 843442AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com