Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7810G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7810G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7810G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7810G Datasheet HTML 7Page - Infineon Technologies AG TLE7810G Datasheet HTML 8Page - Infineon Technologies AG TLE7810G Datasheet HTML 9Page - Infineon Technologies AG TLE7810G Datasheet HTML 10Page - Infineon Technologies AG TLE7810G Datasheet HTML 11Page - Infineon Technologies AG TLE7810G Datasheet HTML 12Page - Infineon Technologies AG TLE7810G Datasheet HTML 13Page - Infineon Technologies AG TLE7810G Datasheet HTML 14Page - Infineon Technologies AG TLE7810G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Data Sheet
11
Rev. 3.01, 2008-04-15
TLE7810G
Operating Modes
Figure 4
State Diagram “SBC Operation Modes”
4.1
SBC Standby Mode
After powering-up the SBC or wake-up from power-saving, it automatically starts-up in SBC Standby Mode,
waiting for the microcontroller to finish its startup and initialization sequences. However, this mode cannot be
selected via SPI command. From this transition mode the SBC can be switched via SPI command into the desired
operating mode. All modes are selected via SPI bits or certain operation conditions, e.g. external wake-up events.
4.2
SBC Active Mode
The SBC Active Mode is used to transmit and receive LIN messages and provides the sub-mode “LIN Sleep”.
Start Up
Power Up
SBC Stop Mode
MS2
ON
Vcc
MS1
11
MS0
1
SBC Stand-By
SBC Sleep Mode
MS2
OFF
Vcc
MS1
10
MS0
0
SBC Active Mode
MS2
ON
Vcc
MS1
01
MS0
1
MS2
ON
Vcc
MS1
01
MS0
0
SBC Active Mode:
„LIN Sleep“
LIN Receive-Only
MS2
ON
Vcc
MS1
11
MS0
0
on wake-up / after reset


Similar Part No. - TLE7810G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7809G INFINEON-TLE7809G Datasheet
891Kb / 52P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
Rev. 3.01, April 2008
TLE7824G INFINEON-TLE7824G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (24kB Flash)
Rev. 3.01, April 2008
TLE7826G INFINEON-TLE7826G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
Rev. 3.01, April 2008
More results

Similar Description - TLE7810G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7809G INFINEON-TLE7809G Datasheet
891Kb / 52P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
Rev. 3.01, April 2008
TLE7824G INFINEON-TLE7824G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (24kB Flash)
Rev. 3.01, April 2008
TLE7826G INFINEON-TLE7826G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
Rev. 3.01, April 2008
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com