Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8735-21 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8735-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8735-21 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8735-21 Datasheet HTML 1Page - Integrated Device Technology ICS8735-21 Datasheet HTML 2Page - Integrated Device Technology ICS8735-21 Datasheet HTML 3Page - Integrated Device Technology ICS8735-21 Datasheet HTML 4Page - Integrated Device Technology ICS8735-21 Datasheet HTML 5Page - Integrated Device Technology ICS8735-21 Datasheet HTML 6Page - Integrated Device Technology ICS8735-21 Datasheet HTML 7Page - Integrated Device Technology ICS8735-21 Datasheet HTML 8Page - Integrated Device Technology ICS8735-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
5
ICS8735AM-21 REV. A JULY 31, 2008
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
θ
JA
20 Lead SOIC
32 Lead VFQFN
46.2
°C/W (0 lfpm)
37.0
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
3.135
3.3
3.465
V
VCCO
Output Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
150
mA
ICCA
Analog Supply Current
15
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
SEL[0:3], MR
VCC = VIN = 3.465V
150
µA
PLL_SEL
VCC = VIN = 3.465V
5
µA
IIL
Input Low Current
SEL[0:3], MR
VCC = 3.465V, VIN = 0V
-5
µA
PLL_SEL
VCC = 3.465V, VIN = 0V
-150
µA


Similar Part No. - ICS8735-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
More results

Similar Description - ICS8735-21

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
logo
Integrated Device Techn...
87354 IDT-87354 Datasheet
198Kb / 15P
   Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
   Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
   Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
   Differential-to-HSTL Zero Delay Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com