Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8402015I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8402015I
Description  FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402015I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8402015I Datasheet HTML 1Page - Integrated Device Technology ICS8402015I Datasheet HTML 2Page - Integrated Device Technology ICS8402015I Datasheet HTML 3Page - Integrated Device Technology ICS8402015I Datasheet HTML 4Page - Integrated Device Technology ICS8402015I Datasheet HTML 5Page - Integrated Device Technology ICS8402015I Datasheet HTML 6Page - Integrated Device Technology ICS8402015I Datasheet HTML 7Page - Integrated Device Technology ICS8402015I Datasheet HTML 8Page - Integrated Device Technology ICS8402015I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS8402015I Datasheet
FEMTOCLOCK™ CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
ICS8402015AKI REVISION A JUNE 25, 2009
2
©2009 Integrated Device Technology, Inc.
Block Diagram
OSC
Phase
Detector
VCO
500MHz
÷20
÷4
÷4
QA0
QA1
QA2
QB0
QB1
QB2
QC0
nQC0
nQC1
QC1
nQC2
QC2
REF_OUT
OE1 = Pullup
OE0, OE2 = Pulldown
25MHz
XTAL_IN
XTAL_OUT
OE[2:0]
OE[2:0]
Pulldown
MR
÷10
÷20
3
LVCMOS - 25MHz or
50MHz
LVCMOS - 125MHz
LVCMOS - 25MHz
LVDS - 125MHz
OE
LOGIC


Similar Part No. - ICS8402015I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8402010I IDT-ICS8402010I Datasheet
324Kb / 16P
   FEMTOCLOCK??CRYSTAL-TOLVDS/LVCMOS CLOCK GENERATOR
More results

Similar Description - ICS8402015I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8402015 IDT-8402015 Datasheet
285Kb / 19P
   FemtoClock Crystal-to-LVDS/LVCMOS Frequency
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
8402015 RENESAS-8402015 Datasheet
476Kb / 20P
   FemtoClock™ Crystal-to-LVDS/LVCMOS Frequency
2019
logo
Integrated Device Techn...
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com