Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8402010AKIT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8402010AKIT
Description  FEMTOCLOCK??CRYSTAL-TOLVDS/LVCMOS CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8402010AKIT Datasheet(HTML) 3 Page - Integrated Device Technology

  8402010AKIT Datasheet HTML 1Page - Integrated Device Technology 8402010AKIT Datasheet HTML 2Page - Integrated Device Technology 8402010AKIT Datasheet HTML 3Page - Integrated Device Technology 8402010AKIT Datasheet HTML 4Page - Integrated Device Technology 8402010AKIT Datasheet HTML 5Page - Integrated Device Technology 8402010AKIT Datasheet HTML 6Page - Integrated Device Technology 8402010AKIT Datasheet HTML 7Page - Integrated Device Technology 8402010AKIT Datasheet HTML 8Page - Integrated Device Technology 8402010AKIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IDT/ ICSLVDS/LVCMOS CLOCK GENERATOR
3
ICS8402010AKI REV. A AUGUST 28, 2008
ICS8402010I
FEMTOCLOCK™ CRYSTAL-TO-LVDS/LVCMOS CLOCK GENERATOR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, I
O (LVCMOS)
-0.5V to V
DDO_A, _B + 0.5V
Outputs, I
O (LVDS, VDDO_C)
Continuous Current
10mA
Surge Current
15mA
Operating Temperature Range, TA
-40°C to +85°C
Storage Temperature, T
STG
-65°C to 150°C
Package Thermal Impedance,
θ
JA
37.0°C/W (0 mps)
Junction-to-Ambient
Package Thermal Impedance,
θ
JB
0.5°C/W
Junction-to-Board
Package Thermal Impedance,
θ
JC
29.6°C/W
Junction-to-Case
NOTE: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
ratings are stress specifications only. Functional operation of
product at these conditions or any conditions beyond those listed
in the
DC Characteristics or AC Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
TABLE 3B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDO_A = VDDO_B = VDDO_REF = 3.3V ± 5%,T
A
= -40°C TO 85°C
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO_A = VDDO_B = VDDO_REF = VDDO_C = 3.3V ± 5%,T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV
D
D
5
1
.
0
–3
.
3V
D
D
V
V
,
A
_
O
D
D
V
,
B
_
O
D
D
V
,
C
_
O
D
D
V
F
E
R
_
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O5
3
1
.
3V
3
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
2A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
1A
m
I
A
_
O
D
D
I
+
B
_
O
D
D
+
I
C
_
O
D
D
I
+
F
E
R
_
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
3A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
2
E
O
,
1
E
O
,
0
E
OV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
R
MV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
2
E
O
,
1
E
O
,
0
E
OV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
R
MV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
V
H
O
t
u
p
t
u
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
,
T
U
O
_
F
E
R
]
2
:
0
[
B
Q
,
]
2
:
0
[
A
Q
V
X
_
O
D
D
5
6
4
.
3
=V
6
.
2V
V
L
O
t
u
p
t
u
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
,
T
U
O
_
F
E
R
]
2
:
0
[
B
Q
,
]
2
:
0
[
A
Q
V
X
_
O
D
D
5
6
4
.
3
=V
5
.
0V
V
:
E
T
O
N
X
_
O
D
D
V
s
e
t
o
n
e
d
,
A
_
O
D
D
V
B
_
O
D
D
V
d
n
a
.
F
E
R
_
O
D
D
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
F
E
R
_
,
B
_
,
A
_
O
D
D
,
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
m
a
r
g
a
i
d
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O


Similar Part No. - 8402010AKIT

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84020120 HUBERSUHNER-84020120 Datasheet
134Kb / 2P
   COAXIAL CONNECTOR, 7/16, 50 Ohm, Straight cable plug (male)
logo
Integrated Device Techn...
8402015 IDT-8402015 Datasheet
285Kb / 19P
   FemtoClock Crystal-to-LVDS/LVCMOS Frequency
logo
Renesas Technology Corp
8402015 RENESAS-8402015 Datasheet
476Kb / 20P
   FemtoClock™ Crystal-to-LVDS/LVCMOS Frequency
2019
logo
Integrated Device Techn...
8402015AKILF IDT-8402015AKILF Datasheet
865Kb / 19P
   FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
8402015AKILF IDT-8402015AKILF Datasheet
285Kb / 19P
   FemtoClock Crystal-to-LVDS/LVCMOS Frequency
More results

Similar Description - 8402010AKIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8440258-46 IDT-ICS8440258-46 Datasheet
700Kb / 16P
   FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
   FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
logo
Integrated Device Techn...
ICS843S2807 IDT-ICS843S2807 Datasheet
290Kb / 14P
   FEMTOCLOCK??CRYSTAL-TOLVPECL/LVDS/LVCMOS CLOCK GENERATOR
logo
Renesas Technology Corp
8440259D-05 RENESAS-8440259D-05 Datasheet
412Kb / 17P
   FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer
SEPTEMBER 3, 2014
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
   FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
840011 RENESAS-840011 Datasheet
403Kb / 14P
   FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
logo
Integrated Device Techn...
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
840N021 IDT-840N021 Datasheet
268Kb / 13P
   FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com