Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8512061AGILFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 8512061AGILFT
Description  SINGLE CHANNEL 0.7V DIFFERENTIALTO-LVTTL TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8512061AGILFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8512061AGILFT Datasheet HTML 6Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 7Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 8Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 9Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 10Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 11Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 12Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 13Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS8512061I
SINGLE CHANNEL 0.7V DIFFERENTIAL-TO-LVTTL TRANSCEIVER
IDT™ / ICS™ TRANSCEIVER
10
ICS8512061AGI REV. B NOVEMBER 19, 2008
Recommended Termination
Figure 1A is the recommended termination for applications which
require the receiver and driver to be on a separate PCB. All traces
should be 50
Ω impedance.
Figure 1A. Recommended Termination
Figure 1B is the recommended termination for applications which
require a point to point connection and contain the driver and
receiver on the same PCB. All traces should all be 50
Ω impedance.
Figure 1B. Recommended Termination


Similar Part No. - 8512061AGILFT

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85120065 HUBERSUHNER-85120065 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 24in
85120066 HUBERSUHNER-85120066 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 36in
85120068 HUBERSUHNER-85120068 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 48in
85120069 HUBERSUHNER-85120069 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (female), 50 Ohm, 50 GHz, 24in
85120070 HUBERSUHNER-85120070 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (female), 50 Ohm, 50 GHz, 36in
More results

Similar Description - 8512061AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V5206 IDT-IDT5V5206 Datasheet
349Kb / 18P
   Single Channel Type-2 M-LVDS to LVTTL Transceiver
logo
Renesas Technology Corp
IDT5V5206 RENESAS-IDT5V5206 Datasheet
543Kb / 19P
   Single Channel Type-2 M-LVDS to LVTTL Transceiver
May 18, 2006
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
   Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
[Old version datasheet]   4-Channel LVTTL to GTL Transceiver
logo
Fairchild Semiconductor
GTLP2T152 FAIRCHILD-GTLP2T152 Datasheet
114Kb / 7P
   2-Bit LVTTL/GTLP Transceiver
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com