Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844251BG-14LFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 844251BG-14LFT
Description  FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844251BG-14LFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 844251BG-14LFT Datasheet HTML 6Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 7Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 8Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 9Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 10Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 11Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 12Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 13Page - Integrated Device Technology 844251BG-14LFT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ICS844251-14
FEMTOCLOCK™CRYSTAL-TO-LVDS CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
10
ICS844251BG-14 REV. A MAY 1, 2009
3.3V, 2.5V LVDS Driver Termination
A general LVDS interface is shown in Figure 4. In a 100
differential transmission line environment, LVDS drivers require a
matched load termination of 100
Ω across near the receiver input.
Figure 4. Typical LVDS Driver Termination
LVDS Driver
R1
100
+
50
50
3.3V or 2.5V
V
DD
100
Ω Differential Transmission Line


Similar Part No. - 844251BG-14LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844251BG-15LF RENESAS-844251BG-15LF Datasheet
1Mb / 16P
   FemtoClock™ Crystal-to-LVDS Clock Generator
2019
844251BG-15LFT RENESAS-844251BG-15LFT Datasheet
1Mb / 16P
   FemtoClock™ Crystal-to-LVDS Clock Generator
2019
More results

Similar Description - 844251BG-14LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844201 IDT-844201 Datasheet
541Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844021I-01 IDT-844021I-01 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844008I-46 IDT-844008I-46 Datasheet
295Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844201I-45 IDT-ICS844201I-45 Datasheet
302Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
844021-01 IDT-844021-01 Datasheet
247Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
   FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com