Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844004AK-104 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 844004AK-104
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844004AK-104 Datasheet(HTML) 2 Page - Integrated Device Technology

  844004AK-104 Datasheet HTML 1Page - Integrated Device Technology 844004AK-104 Datasheet HTML 2Page - Integrated Device Technology 844004AK-104 Datasheet HTML 3Page - Integrated Device Technology 844004AK-104 Datasheet HTML 4Page - Integrated Device Technology 844004AK-104 Datasheet HTML 5Page - Integrated Device Technology 844004AK-104 Datasheet HTML 6Page - Integrated Device Technology 844004AK-104 Datasheet HTML 7Page - Integrated Device Technology 844004AK-104 Datasheet HTML 8Page - Integrated Device Technology 844004AK-104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ICS844004-104
FEMTOCLOCK™CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
2
ICS844004AK-104 REV. A SEPTEMBER 15, 2008
Table 1. Pin Descriptions
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVDS interface levels.
3
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx
to go high. When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels.
4
nPLL_SEL
Input
Pulldown
Selects between the PLL and REF_CLK as input to the dividers. When LOW,
selects PLL (PLL Enable). When HIGH, deselects the reference clock (PLL
Bypass). LVCMOS/LVTTL interface levels.
5, 6, 7, 8, 15,
16, 20, 21,
28, 29
nc
Unused
No connect.
9VDDA
Power
Analog supply pin.
10,
12
F_SEL0,
F_SEL1
Input
Pulldown
Frequency select pin. LVCMOS/LVTTL interface levels.
11
VDD
Power
Core supply pin.
13,
14
XTAL_OUT
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
17, 22
GND
Power
Power supply ground.
18
REF_CLK
Input
Pulldown
Single-ended reference clock input. LVCMOS/LVTTL interface levels.
19
nXTAL_SEL
Input
Pulldown
Selects between crystal or REF_CLK inputs as the PLL Reference source.
Selects XTAL inputs when LOW. Selects REF_CLK when HIGH.
LVCMOS/LVTTL interface levels.
23, 24
nQ3, Q3
Output
Differential output pair. LVDS interface levels.
25, 32
VDDO
Power
Output supply pins.
26, 27
Q2, nQ2
Output
Differential output pair. LVDS interface levels.
30, 31
nQ1, Q1
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN Input Pulldown Resistor
51
k


Similar Part No. - 844004AK-104

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844004AKI-104LF RENESAS-844004AKI-104LF Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
844004AKI-104LFT RENESAS-844004AKI-104LFT Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
More results

Similar Description - 844004AK-104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com