Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844004AK-104T Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 844004AK-104T
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844004AK-104T Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 844004AK-104T Datasheet HTML 2Page - Integrated Device Technology 844004AK-104T Datasheet HTML 3Page - Integrated Device Technology 844004AK-104T Datasheet HTML 4Page - Integrated Device Technology 844004AK-104T Datasheet HTML 5Page - Integrated Device Technology 844004AK-104T Datasheet HTML 6Page - Integrated Device Technology 844004AK-104T Datasheet HTML 7Page - Integrated Device Technology 844004AK-104T Datasheet HTML 8Page - Integrated Device Technology 844004AK-104T Datasheet HTML 9Page - Integrated Device Technology 844004AK-104T Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ICS844004-104
FEMTOCLOCK™CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
6
ICS844004AK-104 REV. A SEPTEMBER 15, 2008
Typical Phase Noise at 106.25MHz (3.3V)
Typical Phase Noise at 212.5MHz (3.3V)
Fibre Channel Filter
Phase Noise Result by adding a
Fibre Channel filter to raw data
Raw Phase Noise Data
106.25MHz
RMS Phase Jitter (Random)
637kHz to 10MHz = 0.89ps (typical)
Offset Frequency (Hz)
Fibre Channel Filter
Phase Noise Result by adding a
Fibre Channel filter to raw data
Raw Phase Noise Data
212.5MHz
RMS Phase Jitter (Random)
637kHz to 10MHz = 0.72ps (typical)
Offset Frequency (Hz)


Similar Part No. - 844004AK-104T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844004AKI-104LF RENESAS-844004AKI-104LF Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
844004AKI-104LFT RENESAS-844004AKI-104LFT Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
More results

Similar Description - 844004AK-104T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com