Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844004AK-104T Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 844004AK-104T
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844004AK-104T Datasheet(HTML) 1 Page - Integrated Device Technology

  844004AK-104T Datasheet HTML 1Page - Integrated Device Technology 844004AK-104T Datasheet HTML 2Page - Integrated Device Technology 844004AK-104T Datasheet HTML 3Page - Integrated Device Technology 844004AK-104T Datasheet HTML 4Page - Integrated Device Technology 844004AK-104T Datasheet HTML 5Page - Integrated Device Technology 844004AK-104T Datasheet HTML 6Page - Integrated Device Technology 844004AK-104T Datasheet HTML 7Page - Integrated Device Technology 844004AK-104T Datasheet HTML 8Page - Integrated Device Technology 844004AK-104T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
ICS844004-104
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
1
ICS844004AK-104 REV. A SEPTEMBER 15, 2008
General Description
The ICS844004-104 is a 4 output LVDS Synthesizer
optimized to generate Fibre Channel reference clock
frequencies and is a member of the HiPerClocksTM
family of high performance clock solutions from IDT.
Using a 26.5625MHz 18pF parallel resonant crystal,
the following frequencies can be generated based on the 2
frequency select pins (F_SEL[1:0]): 212.5MHz, 187.5MHz,
159.375MHz, 106.25MHz and 53.125MHz. The ICS844004-104
uses IDT’s 3rd generation low phase noise VCO technology and
can achieve <1ps typical rms phase jitter, easily meeting Fibre
Channel jitter requirements. The ICS844004-104 is packaged in a
32-pin VFQFN package.
Features
Four differential LVDS outputs
Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz
VCO range: 560MHz - 680MHz
RMS phase jitter at 212.5MHz (637kHz – 10MHz), using a
26.5625MHz crystal: <1ps (typical)
Full 3.3V or 2.5V output supply modes
0°C to 70°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
Table 1. Frequency Table
HiPerClockS™
ICS
Inputs
Output
Frequency
(MHz)
Input
Frequency
(MHz)
F_SEL1
F_SEL0
M
Divider
Value
N
Divider
Value
M/N
Divider
Value
26.5625
0
0
24
3
8
212.5
(default)
26.5625
0
1
24
4
6
159.375
26.5625
1
0
24
6
4
106.25
26.5625
1
1
24
12
2
53.125
23.4375
0
0
24
3
8
187.5
(default)
1
1
0
1
0
Phase
Detector
VCO
637.5MHz
(w/26.5625MHz
Reference)
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3
0 1
÷4
1 0
÷6
1 1
÷12
2
OSC
F_SEL[1:0]
nPLL_SEL
nXTAL_SEL
MR
REF_CLK
XTAL_IN
XTAL_OUT
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
26.5625MHz
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q0
nQ0
MR
nPLL_SEL
nc
nc
nc
nc
Q3
nQ3
GND
nc
nc
nXTAL_SEL
REF_CLK
GND
Block Diagram
Pin Assignment
ICS844004-104
32 Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View


Similar Part No. - 844004AK-104T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844004AKI-104LF RENESAS-844004AKI-104LF Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
844004AKI-104LFT RENESAS-844004AKI-104LFT Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
More results

Similar Description - 844004AK-104T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com