Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8440258AK-46T Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8440258AK-46T
Description  FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8440258AK-46T Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8440258AK-46T Datasheet HTML 2Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 3Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 4Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 5Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 6Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 7Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 8Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 9Page - Integrated Device Technology ICS8440258AK-46T Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IDT/ ICSLVDS/LVCMOS FREQUENCY SYNTHESIZER
6
ICS8440258AK-46 REV B JANUARY 15, 2008
ICS8440258-46
FEMTOCLOCK™ CRYSTAL/LVCMOS-TO-LVDS/ LVCMOS FREQUENCY SYNTHESIZER
PRELIMINARY
2.5V LVDS OUTPUT LOAD AC TEST CIRCUIT
2.5V LVCMOS OUTPUT LOAD AC TEST CIRCUIT
LVCMOS OUTPUT RISE/FALL TIME
LVCMOS OUTPUT SKEW
LVDS OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
PARAMETER MEASUREMENT INFORMATION
LVDS OUTPUT SKEW
SCOPE
Qx
nQx
2.5V±5%
POWER SUPPLY
+–
Float GND
LVDS
SCOPE
Qx
LVCMOS
GND
1.25V±5%
-1.25V±5%
V
DD,
V
DDO1,
V
DDO2
1.25V±5%
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
tsk(o)
Qx
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
nQx
nQy
V
DDA
V
DD,
V
DDO1,
V
DDO2
V
DDA


Similar Part No. - ICS8440258AK-46T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results

Similar Description - ICS8440258AK-46T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
   FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
8440259D-05 RENESAS-8440259D-05 Datasheet
412Kb / 17P
   FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer
SEPTEMBER 3, 2014
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
ICS8402010I IDT-ICS8402010I Datasheet
324Kb / 16P
   FEMTOCLOCK??CRYSTAL-TOLVDS/LVCMOS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com