Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P90005DCGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5P90005DCGI8
Description  SERIAL REAL-TIME CLOCK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P90005DCGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5P90005DCGI8 Datasheet HTML 7Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 8Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 9Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 10Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 11Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 12Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 13Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 14Page - Integrated Device Technology 5P90005DCGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IDT5P90005
SERIAL REAL-TIME CLOCK
RTC
IDT™ SERIAL REAL-TIME CLOCK
11
IDT5P90005
REV E 031209
AC Electrical Characteristics
Unless stated otherwise, VCC = 2.0 to 5.5 V, Ambient Temperature -40 to +85
C
Note 1: Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling
edge of SCL.
Power Down/Up Mode AC Waveforms
RTC Power Down/Up AC Characteristics
Note 1: Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where noted).
Note 2: VCC fall time should not exceed 5 mV/µs.
Parameter
Symbol
STANDARD
MODE
FAST MODE
Units
Min.
Max.
Min.
Max.
SCL Clock Frequency
fSCL
100
400
kHz
Clock Low Period
tLOW
4.7
1.3
µs
Clock High Period
tHIGH
4.0
0.6
µs
SDA and SCL Rise time
tR
10.3
µs
SDA and SCL Fall Time
tF
300
300
ns
START Condition Hold Time (after this
period the first clock pulse is generated)
tHD:STA
4
µs
START Condition Setup Time (only relevant
for a repeated start condition)
tSU:STA
4.7
0.6
µs
Data Hold Time
tHD:DAT1
01.3
ns
Data Setup Time
tSU:DAT
250
100
ns
STOP Condition Setup Time
tSU:STO
4.0
0.6
µs
Time the bus must be free before a new
transmission can start
tBUF
4.7
1.3
µs
Parameter1,2
Symbol
Min.
Typ.
Max.
Units
SCL and SDA at VIH before Power Down
tPD
0ns
SCL and SDA at VIH after Power Up
trec
10
2000
µs


Similar Part No. - 5P90005DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P90005CDCGH IDT-5P90005CDCGH Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Renesas Technology Corp
5P90005CDCGH RENESAS-5P90005CDCGH Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
Integrated Device Techn...
5P90005CDCGH8 IDT-5P90005CDCGH8 Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Renesas Technology Corp
5P90005CDCGH8 RENESAS-5P90005CDCGH8 Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
More results

Similar Description - 5P90005DCGI8

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com