Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6AA160TSA Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM6AA160TSA
Description  16M x 16 bit DDR Synchronous DRAM (SDRAM)
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AA160TSA Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM6AA160TSA Datasheet HTML 7Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 8Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 9Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 10Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 11Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 12Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 13Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 14Page - Etron Technology, Inc. EM6AA160TSA Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
EtronTech
EM6AA160TSA
Etron Confidential
11
Rev. 1.2
May 2009
Table 15. D.C. Characteristics (VDD = 2.5V ± 5%, TA = 0~70 °C)
-4
-5
Parameter & Test Condition
Symbol
Max.
Unit Note
OPERATING CURRENT: One bank; Active-Precharge;
tRC=tRC(min); tCK=tCK(min); DQ,DM and DQS inputs
changing once per clock cycle; Address and control inputs
changing once every two clock cycles.
IDD0
150
115
mA
OPERATING CURRENT : One bank; Active-Read-
Precharge; BL=4; tRC=tRC(min); tCK=tCK(min); lout=0mA;
Address and control inputs changing once per clock cycle
IDD1
175
135
mA
PRECHARGE POWER-DOWN STANDBY CURRENT: All
banks idle; power-down mode; tCK=tCK(min); CKE=LOW
IDD2P
40
40
mA
IDLE STANDLY CURRENT : CKE = HIGH;
CS =HIGH(DESELECT); All banks idle; tCK=tCK(min);
Address and control inputs changing once per clock cycle;
VIN=VREF for DQ, DQS and DM
IDD2N
70
70
mA
ACTIVE POWER-DOWN STANDBY CURRENT : one bank
active; power-down mode; CKE=LOW; tCK=tCK(min)
IDD3P
60
45
mA
ACTIVE STANDBY CURRENT : CS =HIGH;CKE=HIGH; one
bank active ; tRC=tRC(max);tCK=tCK(min);Address and control
inputs changing once per clock cycle; DQ,DQS,and DM
inputs changing twice per clock cycle
IDD3N
135
105
mA
OPERATING CURRENT BURST READ : BL=2; READS;
Continuous burst; one bank active; Address and control
inputs changing once per clock cycle; tCK=tCK(min);
lout=0mA;50% of data changing on every transfer
IDD4R
245
190
mA
OPERATING CURRENT BURST Write : BL=2; WRITES;
Continuous Burst ;one bank active; address and control
inputs changing once per clock cycle; tCK=tCK(min);
DQ,DQS,and DM changing twice per clock cycle; 50% of
data changing on every transfer
IDD4W
245
190
mA
AUTO REFRESH CURRENT : tRC=tRFC(min); tCK=tCK(min)
IDD5
200
155
mA
SELF REFRESH CURRENT: Sell Refresh Mode ; CKE≦
0.2V;tCK=tCK(min)
IDD6
6
6
mA
1
BURST OPERATING CURRENT 4 bank operation:
Four bank interleaving READs; BL=4;with Auto Precharge;
tRC=tRC(min); tCK=tCK(min); Address and control inputschang
only during Active, READ , or WRITE command
IDD7
300
235
mA


Similar Part No. - EM6AA160TSA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS-4G ETRON-EM6AA160TS-4G Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS-5G ETRON-EM6AA160TS-5G Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-5G ETRON-EM6AA160TSC-5G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6AA160TSA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
A48P4616B AMICC-A48P4616B Datasheet
1Mb / 66P
   16M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com