Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68916CWQA-3H Datasheet(PDF) 10 Page - Etron Technology, Inc.

Part # EM68916CWQA-3H
Description  8M x 16 bit DDRII Synchronous DRAM (SDRAM)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68916CWQA-3H Datasheet(HTML) 10 Page - Etron Technology, Inc.

Back Button EM68916CWQA-3H Datasheet HTML 6Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 7Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 8Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 9Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 10Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 11Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 12Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 13Page - Etron Technology, Inc. EM68916CWQA-3H Datasheet HTML 14Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
EtronTech
EM68916CWQA
Etron Confidential
10
Rev. 1.1
Apr. 2009
Extended Mode Register Set (EMRS )
- EMR(1)
The extended mode register(1) stores the data for enabling or disabling the DLL, output driver strength,
ODT value selection and additive latency. The default value of the extended mode register is not defined,
therefore the extended mode register must be written after power-up for proper operation. The extended
mode register is written by asserting LOW on CS#, RAS#, CAS#, WE# and HIGH on BA0, while controlling
the states of address pins A0 ~ A12. The DDR2 SDRAM should be in all bank precharge with CKE already
HIGH prior to writing into the extended mode register. The mode register set command cycle time (tMRD)
must be satisfied to complete the write operation to the extended mode register. Mode register contents
can be changed using the same command and clock cycle requirements during normal operation as long
as all banks are in the precharge state. A0 is used for DLL enable or disable. A1 is used for enabling a half
strength data-output driver. A3~A5 determine the additive latency, A2 and A6 are used for ODT value
selection, A7~A9 are used for OCD control, A10 is used for DQS# disable.
- DLL Enable/Disable
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and
upon returning to normal operation after having the DLL disabled. The DLL is automatically disabled when
entering self refresh operation and is automatically re-enabled upon exit of self refresh operation. Any time
the DLL is enabled (and subsequently reset), 200 clock cycles must occur before a Read command can be
issued to allow time for the internal clock to be synchronized with the external clock. Failing to wait for
synchronization to occur may result in a violation of the tAC or tDQSCK parameters.
Table 6. Extended Mode Resistor EMR (1) Bitmap
BA1 BA0 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 Address Field
0
1
Qoff
0
DQS#
OCD program
Rtt
Additive Latency
Rtt D.I.C DLL Extended Mode Register
BA1 BA0 MRS mode
A6
A2
Rtt(NOMINAL)
0
0
MR
0
0
ODT Disable
A0
DLL Enable
0
1
EMR(1)
0
1
75Ω
0
Enable
1
0
EMR(2)
1
0
150Ω
1
Disable
1
1
EMR(3)
1
1
50Ω
A9
A8
A7 OCD Calibration Program
0
0
0
OCD Calibration mode exit; maintain setting
A1
Output Driver
Impedance Control
0
0
1
Drive(1)
0
Full strength
0
1
0
Drive(0)
1
Reduced strength
1
0
0
Adjust mode
*1
1
1
1
OCD Calibration default
*2
A5 A4 A3
Additive Latency
000
0
A12
Qoff
*3
001
1
0
Output buffer enabled
0
1
0
2
A10
DQS#
1
Output buffer disabled
0
1
1
3
0
Enable
1
0
0
4
1
Disable
1
0
1
5
110
Reserved
111
Reserved
NOTE 1:
When Adjust mode is issued, AL from previously set value must be applied.
NOTE 2:
After setting to default, OCD calibration mode needs to be exited by setting A9-A7 to 000.
NOTE 3:
Output disabled – DQs, DQSs, DQSs#.This feature is intended to be used during IDD characterization of read
current.


Similar Part No. - EM68916CWQA-3H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68916DVAA-6H ETRON-EM68916DVAA-6H Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68916DVAA-75H ETRON-EM68916DVAA-75H Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM68916CWQA-3H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M16D2-25BCN ALSC-AS4C64M16D2-25BCN Datasheet
1Mb / 58P
   1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com