Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5311QI-E Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # EN5311QI-E
Description  1A Synchronous Buck Regulator With Integrated Inductor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5311QI-E Datasheet(HTML) 1 Page - Enpirion, Inc.

  EN5311QI-E Datasheet HTML 1Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 2Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 3Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 4Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 5Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 6Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 7Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 8Page - Enpirion, Inc. EN5311QI-E Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
03799
11/24/2009
Rev:B
*Optimized PCB Layout file downloadable from the Enpirion Website to assure first pass design success.
EN5311QI
1A Synchronous Buck Regulator
With Integrated Inductor
RoHS Compliant
Halogen Free
Featuring Integrated Inductor Technology
Voltage
Select
DAC
Switch
VREF
(+)
(-)
Error
Amp
V
SENSE
V
FB
V
OUT
VS0 VS1 VS2
Package Boundry
P-Drive
N-Drive
UVLO
Thermal Limit
Current Limit
Soft Start
Sawtooth
Generator
(+)
(-)
PWM
Comp
V
IN
ENABLE
GND
Logic
Compensation
Network
Product Highlights
• Revolutionary Integrated Inductor
• 5mm x 4mm x1.1mm QFN package
• Very small total solution foot print*
• 4 MHz switching frequency
• Only two low cost MLCC caps required
• Designed for low noise/low EMI
• Very low ripple voltage; 5mVp-p Typical
• High efficiency, up to 95%
• Wide 2.4V to 6.6V input range
• 1000mA continuous output current
• Less than 1 μA standby current.
• Excellent transient performance
• 3 Pin VID Output Voltage select
• External divider: 0.6V to VIN-Vdropout
• 100% duty cycle capable
• Short circuit and over current protection
• UVLO and thermal protection
• RoHS compliant; MSL 3 260°C reflow
Product Overview
The Ultra-Low-Profile EN5311QI is targeted to
applications where board area and profile are
critical. EN5311QI is a complete power
conversion solution requiring only two low cost
ceramic MLCC caps.
Inductor, MOSFETS,
PWM, and compensation are integrated into a
tiny 5mm x 4mm x 1.1mm QFN package. The
EN5311QI is engineered to simplify design and
to minimize layout constraints.
4 MHz
switching frequency and internal type III
compensation
provides
superior
transient
response.
With a 1.1 mm profile, the
EN5311QI is ideal for space and height
constrained applications.
A 3-pin VID output voltage selector provides
seven pre-programmed output voltages along
with an option for external resistor divider.
Output voltage can be programmed on-the-fly
to provide fast, dynamic voltage scaling.
Typical Application Circuit
VIN
VSense
Vin
VS1
VS2
VS0
10
μF
4.7
μF
VOUT
Vout
GND
ENABLE
VFB
Voltage
Select
Figure 1. Typical application circuit.
Applications
• Area constrained applications
• Noise Sensitive Applications such as A/V
and RF
• LDO replacement for improved thermals
• Set top box/home gateway
• Smart phones, PDAs
• VoIP and Video phones
• Personal Media Players


Similar Part No. - EN5311QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results

Similar Description - EN5311QI-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com