Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29GL128L-70ZIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN29GL128L-70ZIP
Description  128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL128L-70ZIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN29GL128L-70ZIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL128L-70ZIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
5
EN29GL128H/L
Rev. H, Issue Date: 2009/10/01
Table 2. PRODUCT SELECTOR GUIDE
Product Number
EN29GL128
Speed Option
Full Voltage Range: Vcc=2.7 – 3.6 V
VIO=1.65 – 3.6 V
-70
Max Access Time, ns (tacc)
70
Max Page Read Access, ns(tpacc)
25
Max CE# Access, ns (tce)
70
Max OE# Access, ns (toe)
25
BLOCK DIAGRAM
WE#
CE#
OE#
State
Co ntrol
Command
Register
Erase Voltage Generator
Input/Output Buffers
Program Voltage
Generator
Ch ip Enable
Output Enable
Logic
Data Latch
Y-Decoder
X-Decod er
Y-Gating
Cell Matrix
Timer
Vcc Detector
A0-A22
Vcc
Vss
DQ0-DQ15 (A-1)
Block Protect Switch es
STB
STB
RY/BY#
VIO


Similar Part No. - EN29GL128L-70ZIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HH70BAIP EON-EN29GL128HH70BAIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HH70ZIP EON-EN29GL128HH70ZIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL70BAIP EON-EN29GL128HL70BAIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL128L-70ZIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com