Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP53A8LQI Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # EP53A8LQI
Description  1000mA Synchronous Buck Regulator with Integrated Inductor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP53A8LQI Datasheet(HTML) 1 Page - Enpirion, Inc.

  EP53A8LQI Datasheet HTML 1Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 2Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 3Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 4Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 5Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 6Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 7Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 8Page - Enpirion, Inc. EP53A8LQI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
03651
12/16/2009
Rev:B
EP53A8LQI/EP53A8HQI
1000mA Synchronous Buck Regulator
with Integrated Inductor
RoHS Compliant; Halogen Free
www.enpirion.com
Description
The EP53A8LQI and EP53A8HQI are a 1000mA
PowerSOC. The device integrates MOSFET
switches,
control,
compensation,
and
the
Inductor in an advanced 3mm x 3mm QFN
Package.
Integrated inductor ensures the complete power
solution is fully characterized with the inductor
carefully
matched
to
the
silicon
and
compensation network. . It enables a tiny solution
footprint, low output ripple, low part-count, and
high reliability, while maintaining high efficiency.
The complete solution can be implemented in as
little as 21mm2.
The EP53A8xQI uses a 3-pin VID to easily select
the output voltage setting.
Output voltage
settings are available in 2 optimized ranges
providing coverage for typical VOUT settings.
The VID pins can be changed on the fly for fast
dynamic voltage scaling. EP53A8LQI further has
the option to use an external voltage divider.
EP53A8xQI
4.7uF
10uF
6mm
3.5mm
100 Ohm
Figure 1: Total Solution Footprint.
Features
• Integrated Inductor Technology
• 3mm x 3mm x 1.1mm QFN package
• Total Solution Footprint ~ 21mm2
• Low VOUT ripple for RF compatibility
• High efficiency, up to 94%
• 1000mA continuous output current
• Less than 1µA standby current
• 5 MHz switching frequency
• 3 pin VID for glitch free voltage scaling
• VOUT Range 0.6V to VIN – 0.5V
• Short circuit and over current protection
• UVLO and thermal protection
• IC level reliability in a PowerSOC solution
Application
• Portable wireless and RF applications
• Wireless broad band data cards
• Solid state storage applications
• Noise and space sensitive applications
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
µF
0805
4.7
µF
0603
VOUT
VOUT
AGND
ENABLE
VFB
PGND
AVIN
100 ohm
Figure 2: Typical Application Circuit.


Similar Part No. - EP53A8LQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP53A8LQI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com