Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP53F8QI Datasheet(PDF) 8 Page - Enpirion, Inc.

Part # EP53F8QI
Description  1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP53F8QI Datasheet(HTML) 8 Page - Enpirion, Inc.

Back Button EP53F8QI Datasheet HTML 3Page - Enpirion, Inc. EP53F8QI Datasheet HTML 4Page - Enpirion, Inc. EP53F8QI Datasheet HTML 5Page - Enpirion, Inc. EP53F8QI Datasheet HTML 6Page - Enpirion, Inc. EP53F8QI Datasheet HTML 7Page - Enpirion, Inc. EP53F8QI Datasheet HTML 8Page - Enpirion, Inc. EP53F8QI Datasheet HTML 9Page - Enpirion, Inc. EP53F8QI Datasheet HTML 10Page - Enpirion, Inc. EP53F8QI Datasheet HTML 11Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
01542
4/3/2009
Rev:A
EP53F8QI
©Enpirion 2009 all rights reserved, E&OE
8
www.enpirion.com
Soft Start
The internal soft start circuit limits inrush
current when the device starts up from a power
down condition or when the ENABLE pin is
asserted “high”. Digital control circuitry sets the
VOUT ramp rate to minimize input voltage ripple
and inrush current to ensure a glitch-free start
up. The soft start ramp rate can be found in the
electrical characteristics table.
Over Current/Short Circuit Protection
When an over current condition occurs, VOUT is
pulled low. This condition is maintained for a
period of 1.2 ms and then a normal soft start
cycle is initiated. If the over current condition
still persists, this cycle will repeat.
Under Voltage Lockout
An under voltage lockout circuit will hold off
switching during initial power up until the input
voltage reaches sufficient level to ensure
proper operation. If the voltage drops below the
UVLO threshold the lockout circuitry will again
disable switching. Hysteresis is included to
prevent chattering between UVLO high and low
states.
Enable
The ENABLE pin provides means to shut down
the converter or initiate normal operation. A
logic high will enable the converter to go
through the soft start cycle and regulate the
output voltage to the desired value. A logic low
will allow the device to discharge the output
and go into shutdown mode for minimal power
consumption. When the output is discharged,
an auxiliary NFET turns on and limits the
discharge current to 300 mA or below. The
ENABLE pin must not be left floating.
Thermal Shutdown
When excessive power is dissipated in the
device, its junction temperature rises. Once the
junction temperature exceeds the thermal
shutdown temperature, the thermal shutdown
circuit turns off the converter, allowing the
device to cool. When the junction temperature
decreases to a safe operating level, the device
will be re-enabled and go through a normal
startup
process.
The
specific
thermal
shutdown junction temperature and hysteresis
can be found in the thermal characteristics
table
Power OK
The EP53F8QI provides an open drain output
to indicate if the output voltage stays within
92% to 111% of the set value. Within this
range, the POK output is allowed to be pulled
high. Outside this range, POK remains low.
However, during transitions such as power up,
power down, and dynamic voltage scaling, the
POK output will not change state until the
transition is complete for enhanced noise
immunity.
The POK has 5 mA sink capability for events
where it needs to feed a digital controller with
standard CMOS inputs. When POK is pulled
high, the pin leakage current is as low as 500
nA maximum over temperature. This allows a
large pull up resistor such as 100 kΩ to be
used for minimal current consumption in
shutdown mode.
The POK output can also be conveniently used
as an ENABLE input of the next stage for
power sequencing of multiple converters.


Similar Part No. - EP53F8QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53F8QI ALTERA-EP53F8QI Datasheet
945Kb / 12P
   1500 mA PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
More results

Similar Description - EP53F8QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EP53F8QI ALTERA-EP53F8QI Datasheet
945Kb / 12P
   1500 mA PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com