Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25S40-75WI Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN25S40-75WI
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S40-75WI Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN25S40-75WI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25S40-75WI Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
10
EN25S40
Rev. A, Issue Date: 2009/04/28
Table 4A. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable / Exit
OTP mode
04h
Read Status
Register
05h
(S7-S0)(3)
continuous(4)
Write Status
Register
01h
S7-S0
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Sector Erase / OTP
erase
20h
A23-A16
A15-A8
A7-A0
Block Erase
D8h
A23-A16
A15-A8
A7-A0
Chip Erase
C7h/ 60h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(5)
Release from Deep
Power-down
ABh
00h
(M7-M0)
(ID7-ID0)
Manufacturer/
Device ID
90h
dummy
dummy
01h
(ID7-ID0)
(M7-M0)
(6)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(7)
Enter OTP mode
3Ah
Notes:
1. (BR7-BR0) : The output data of block protection register.
2. The Block Protection Registers contents will repeat continuously until CS# terminates the instruction.
3. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from the
device on the DO pin.
4. The Status Register contents will repeat continuously until CS# terminate the instruction.
5. The Device ID will repeat continuously until CS# terminates the instruction.
6. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminates the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
7. (M7-M0) : Manufacturer, (ID15-ID8) : Memory Type, (ID7-ID0) : Memory Capacity.


Similar Part No. - EN25S40-75WI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40-75WIP EON-EN25S40-75WIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S40-75WI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com