Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN39LV010-70NI Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN39LV010-70NI
Description  1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39LV010-70NI Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN39LV010-70NI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39LV010-70NI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
5
EN39LV010
Rev. B, Issue Date: 2009/03/16
TABLE 3. OPERATING MODES
1M FLASH USER MODE TABLE
Operation
CE#
OE#
WE#
A0-A16
DQ0-DQ7
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
CMOS Standby
Vcc ± 0.3V
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Sector Protect2
L
H
L
Sector address,
A6=L, A1=H, A0=L
DIN , DOUT
Sector
Unprotect2
L
H
L
Sector address,
A6=H, A1=H, A0=L
DIN , DOUT
Notes:
1. L=logic low= VIL, H=Logic High= VIH, VID =11 ± 0.5V, X=Don’t Care (either L or H, but not floating!),
DIN=Data In, DOUT=Data Out, AIN=Address In
2. Sector protection/unprotection can be implemented by programming equipment.
TABLE 4. DEVICE IDENTIFICTION (Autoselect Codes)
1M FLASH MANUFACTURER/DEVICE ID TABLE
Note:
1. A8=H is recommended for manufacture ID check. If a manufacture ID is read with A8=L, the chip will output a
configuration code 7Fh.
2. A9 = VID is for HV A9 Autoselect mode only. A9 must be
≤ Vcc (CMOS logic level) for Command Autoselect Mode.
Description
CE# OE#
WE#
A16
to
A14
A13
to
A10
A92
A8
A7
A6
A5
to
A2
A1
A0
DQ7 to DQ0
H1
1Ch
Manufacturer
ID: Eon
L
L
H
X
X
VID
L
X
L
X
L
L
7Fh
Device ID
L
L
H
X
X
VID
X
X
L
X
L
H
D5h
01h
(Protected)
Sector
Protection
Verification
L
L
H
SA
X
VID
X
X
L
X
H
L
00h
(Unprotected)


Similar Part No. - EN39LV010-70NI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010-70NIP EON-EN39LV010-70NIP Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN39LV010-70NI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010 EON-EN39LV010_11 Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com