Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA4996JIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUA4996JIR1
Description  2.8-W Stereo Fully Differential Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA4996JIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUA4996JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EUA4996
DS4996 Ver0.1 July 2008
6
Typical Operating Characteristics
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7


Similar Part No. - EUA4996JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA4990 EUTECH-EUA4990 Datasheet
388Kb / 12P
   1.36 Watt Audio Power Amplifier
EUA4990HIR1 EUTECH-EUA4990HIR1 Datasheet
388Kb / 12P
   1.36 Watt Audio Power Amplifier
EUA4992 EUTECH-EUA4992 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
EUA4992JIR1 EUTECH-EUA4992JIR1 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
More results

Similar Description - EUA4996JIR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com