Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6027AQIR1 Datasheet(PDF) 11 Page - Eutech Microelectronics Inc

Part # EUA6027AQIR1
Description  2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6027AQIR1 Datasheet(HTML) 11 Page - Eutech Microelectronics Inc

Back Button EUA6027AQIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA6027AQIR1 Datasheet HTML 14Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EUA6027A
DS6027A Ver 1.1 June 2008
11
Application Information
Shutdown Modes
The EUA6027A employs a shutdown mode of operation
designed to reduce supply current, IDD, to the absolute
minimum level during periods of nonuse for battery-power
conservation. The SHUTDOWN input terminal should be
held high during normal operation when the amplifier is in
use. Pulling SHUTDOWN low causes the outputs to mute
and
the
amplifier
to
enter
a
low-current
state,
IDD=150µA. SHUTDOWN
should
never
be
left
unconnected because amplifier operation would be
unpredictable.
Gain Setting via GAIN0 and GAIN1 Inputs
The gain of the EUA6027A is set by two input terminals,
GAIN0 and GAIN1.
Table 1 .Gain Settings
GAIN0
GAIN1
AV(inv)
Input
Impedance
0
0
6dB
90kΩ
0
1
10dB
70kΩ
1
0
15.6dB
45kΩ
1
1
21.6dB
25kΩ
The gains listed in Table 1 are realized by changing the taps
on the input resistors inside the amplifier. This causes the
input impedance, ZI, to be dependent on the gain setting.
The actual gain settings are controlled by ratios of resistors,
so the actual gain distribution from part-to-part is quite
good. However, the input impedance will shift by 30% due
to shifts in the actual resistance of the input impedance.
For design purposes, the input network (discussed in the
next section) should be designed assuming an input
impedance of 10 kΩ, which is the absolute minimum input
impedance of the EUA6027A. At the higher gain settings,
the input impedance could increase to as high as 115 kΩ.
The typical input impedance at each gain setting is given in
Table 1.
Input Capacitor, Ci
In the typical application an input capacitor, Ci, is required
to allow the amplifier to bias the input signal to the proper
dc level for optimum operation. In this case, Ci and the input
impedance of the amplifier, Zi, form a high-pass filter with
the corner frequency determined in equation 1.
fc(highpass)=
i
iC
Z
2
1
π
-----------------(1)
The value of
Ci is important to
consider as it directly affects the bass (low frequency)
performance of the circuit. Consider the example where Zi
is 70kΩ and the specification calls for a flat bass response
down to 40Hz. Equation 2 is reconfigured as equation 2.
Ci =
C
f
Z
2
1
i
π
----------------------------(2 )
In this example, Ci is 56nF so one would likely choose a
value in the range of 56nF to 1µF. A further consideration
for this capacitor is the leakage path from the input source
through the input network (Ci) and the feedback network to
the load. This leakage current creates a dc offset voltage at
the input to the amplifier that reduces useful headroom,
especially in high gain applications. For this reason, a low-
leakage tantalum or ceramic capacitor is the best choice.
When polarized capacitors are used, the positive side of the
capacitor should face the amplifier input in most
applications as the dc level there is held at VDD/2, which is
likely higher than the source dc level. Note that it is
important to confirm the capacitor polarity in the
application.
Power Supply Decoupling, (CS)
The EUA6027A is a high-performance CMOS audio
amplifier that requires adequate power supply decoupling to
ensure the output total harmonic distortion (THD) is as low
as possible. Power supply decoupling also prevents
oscillations for long lead lengths between the amplifier and
the speaker. The optimum decoupling is achieved by using
two capacitors of different types that target different types
of noise on the power supply leads. For higher frequency
transients, spikes, or digital hash on the line, a good low
equivalent-series-resistance
(ESR)
ceramic
capacitor,
typically 0.1µF placed as close as possible to the device
VDD lead, works best. For filtering lower-frequency noise
signals, a larger aluminum electrolytic capacitor of 10µF or
greater placed near the audio power amplifier is
recommended.


Similar Part No. - EUA6027AQIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027QIR1 EUTECH-EUA6027QIR1 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
More results

Similar Description - EUA6027AQIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
logo
Texas Instruments
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com