Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25Q16-100WIP Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN25Q16-100WIP
Description  16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q16-100WIP Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN25Q16-100WIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25Q16-100WIP Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
11
EN25Q16
Rev. E, Issue Date: 2009/10/21
Table 4B. Instruction Set (Read Instruction)
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Dual Output Fast
Read
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0, …) (1)
(one byte
per 4 clocks,
continuous)
Dual I/O Fast Read
BBh
A23-A8(2)
A7-A0,
dummy (2)
(D7-D0, …) (1)
(one byte
per 4 clocks,
continuous)
Quad I/O Fast Read
EBh
A23-A0,
dummy (4)
(
dummy,
D7-D0 ) (5)
(D7-D0, …) (3)
(one byte
per 2 clocks,
continuous)
Notes:
1. Dual Output data
DQ0 = (D6, D4, D2, D0)
DQ1 = (D7, D5, D3, D1)
2. Dual Input Address
DQ0 = A22, A20, A18, A16, A14, A12, A10, A8 ; A6, A4, A2, A0, dummy 6, dummy 4, dummy 2, dummy 0
DQ1 = A23, A21, A19, A17, A15, A13, A11, A9 ; A7, A5, A3, A1, dummy 7, dummy 5, dummy 3, dummy 1
3. Quad Data
DQ0 = (D4, D0, …… )
DQ1 = (D5, D1, …… )
DQ2 = (D6, D2, …... )
DQ3 = (D7, D3, …... )
4. Quad Input Address
DQ0 = A20, A16, A12, A8, A4, A0, dummy 4, dummy 0
DQ1 = A21, A17, A13, A9, A5, A1, dummy 5, dummy 1
DQ2 = A22, A18, A14, A10, A6, A2, dummy 6, dummy 2
DQ3 = A23, A19, A15, A11, A7, A3, dummy 7, dummy 3
5. Quad I/O Fast Read Data
DQ0 = ( dummy 12, dummy 8, dummy 4, dummy 0, D4, D0 )
DQ1 = ( dummy 13, dummy 9, dummy 5, dummy 1, D5, D1 )
DQ2 = ( dummy 14, dummy 10, dummy 6, dummy 2, D6, D2 )
DQ3 = ( dummy 15, dummy 11, dummy 7, dummy 3, D7, D3 )


Similar Part No. - EN25Q16-100WIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104GIP EON-EN25Q16A-104GIP Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104HIP EON-EN25Q16A-104HIP Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104QIP EON-EN25Q16A-104QIP Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104WIP EON-EN25Q16A-104WIP Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25Q16-100WIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16 EON-EN25QH16 Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16B EON-EN25Q16B Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com